Electronic Components Datasheet Search
  English  ▼

X  

R8C/13 Datasheet(PDF) 221 Page - Renesas Technology Corp

Part # R8C/13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/13 Datasheet(HTML) 221 Page - Renesas Technology Corp

Back Button R8C/13 Datasheet HTML 216Page - Renesas Technology Corp R8C/13 Datasheet HTML 217Page - Renesas Technology Corp R8C/13 Datasheet HTML 218Page - Renesas Technology Corp R8C/13 Datasheet HTML 219Page - Renesas Technology Corp R8C/13 Datasheet HTML 220Page - Renesas Technology Corp R8C/13 Datasheet HTML 221Page - Renesas Technology Corp R8C/13 Datasheet HTML 222Page - Renesas Technology Corp R8C/13 Datasheet HTML 223Page - Renesas Technology Corp R8C/13 Datasheet HTML 224Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 221 / 224 page
background image
REVISION HISTORY
Rev.
Date
Description
Page
Summary
R8C/13 Group Hardware Manual
C-5
1.20 Jan.27.2006
139
Figure 15.2 Programmable I/O Ports (2); NOTES: 1 added
140
Figure 15.3 Programmable I/O Ports (3); NOTES: 1 added
141
Figure 15.4 Programmable I/O Ports (4); NOTES: 1 added
142
Figure 15.5 Programmable I/O Ports (5); NOTES: 3 added
146
Table 15.9 Port P10/KI0/AN8/CMP00 Setting;
Setting value: Output port, P1 deleted
147
Table 15.10 Port P11/KI1/AN9/CMP01 Setting;
Setting value: Output port, P1 deleted
Table 15.11 Port P12/KI2/AN10/CMP02 Setting;
Setting value: Output port, P1 deleted
149
____________
Table 15.17 Port P30/CNTR0/CMP10 Setting;
P3 deleted
Table 15.18 Port P31/TZOUT/CMP11 Setting;
P3 deleted
_______
Table 15.19 Port P32/INT2/CNTR1/CMP12 Setting;
P3 deleted
150
_______
Table 15.20 Port P33/INT3/TCIN Setting; Bit: “PD3_1”
→ “PD3_3”
_______
Table 15.22 Port P45/INT0 Setting; Bit: “PD3_3”
→ “PD4_5”
Table 15.23 Port XIN/P46, XOUT/P47 Setting;
Setting value: External input to XIN pin, “H” output from XOUT pin;
CM1: “1”
→ “0”, CM0: “0” → “1”, Feedback resistance: “OFF” → “ON”
152
Table 16.2 Recommended Operating Conditions; NOTES: 1, 2, 3 revised
153
Table 16.3 A/D Conversion Characteristics;
“A/D operation clock frequency”
→ “A/D operating clock frequency” revised
NOTES: 1, 2, 3, 4 revised
154
Table 16.4 Flash Memory (Program ROM) Electrical Characteristics;
“Data retention duration”
→ “Data hold time” revised
“Topr”
→ “Ambient temperature” revised
NOTES: 1 to 7 added
Measuring condition of byte program time and block erase time deleted
155
Table 16.5 Flash Memory (Data flash Block A, Block B) Electrical characteristics
“Data retention duration”
→ “Data hold time” revised
“Topr”
→ “Ambient temperature” revised
NOTES: 1, 3 revised, NOTES: 9 added
Measuring condition of byte program time and block erase time deleted
156
Table 16.7 Reset Circuit Electrical Characteristics (When Using Hardware Reset 2)
NOTES: 3 (Vpor1) added
157
Table 16.9 High-speed On-Chip Oscillator Circuit Electrical Characteristics;
“High-speed on-chip oscillator temperature dependence”
→
“High-speed on-chip oscillator frequency temperature dependence” revised
Table 16.11 Electrical Characteristics (1) [VCC=5V];
“P10 to P17 Except XOUT”
→ “Except P10 to P17, XOUT” revised
158
Table 16.12 Electrical Characteristics (2) [VCC=5V];
NOTES: 1, 2 revised
Measuring condition: Stop mode “Topr=25 °C” added
161
Table 16.18 Electrical Characteristics (3) [VCC=3V]
“P10 to P17 Except XOUT”
→ “Except P10 to P17, XOUT” revised
162
Table 16.19 Electrical Characteristics (4) [VCC=3V];
NOTES: 1, 2 revised
Measuring condition: Stop mode “Topr=25 °C” added



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com