Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 212 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 212 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 208Page - Renesas Technology Corp HD64F36034 Datasheet HTML 209Page - Renesas Technology Corp HD64F36034 Datasheet HTML 210Page - Renesas Technology Corp HD64F36034 Datasheet HTML 211Page - Renesas Technology Corp HD64F36034 Datasheet HTML 212Page - Renesas Technology Corp HD64F36034 Datasheet HTML 213Page - Renesas Technology Corp HD64F36034 Datasheet HTML 214Page - Renesas Technology Corp HD64F36034 Datasheet HTML 215Page - Renesas Technology Corp HD64F36034 Datasheet HTML 216Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 592 page
background image
Section 12 Timer Z
Rev. 4.00 Mar. 15, 2006 Page 180 of 556
REJ09B0026-0400
12.3.10
Timer I/O Control Register (TIORA and TIORC)
The TIOR registers control the general registers (GR). Timer Z has four TIOR registers
(TIORA_0, TIORA_1, TIORC_0, and TIORC_1), two for each channel. In PWM mode including
complementary PWM mode and reset synchronous PWM mode, the settings of TIOR are invalid.
TIORA: TIORA selects whether GRA or GRB is used as an output compare register or an input
capture register. When an output compare register is selected, the output setting is selected. When
an input capture register is selected, an input edge of an input capture signal is selected. TIORA
also selects the function of FTIOA or FTIOB pin.
Bit
Bit Name
Initial
Value
R/W
Description
7
1
Reserved
This bit is always read as 1.
6
5
4
IOB2
IOB1
IOB0
0
0
0
R/W
R/W
R/W
I/O Control B2 to B0
GRB is an output compare register:
000: Disables pin output by compare match
001: 0 output by GRB compare match
010: 1 output by GRB compare match
011: Toggle output by GRB compare match
GRB is an input capture register:
100: Input capture to GRB at the rising edge
101: Input capture to GRB at the falling edge
11X: Input capture to GRB at both rising and falling edges
3
1
Reserved
This bit is always read as 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com