Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 158 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 158 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 154Page - Renesas Technology Corp HD64F36022 Datasheet HTML 155Page - Renesas Technology Corp HD64F36022 Datasheet HTML 156Page - Renesas Technology Corp HD64F36022 Datasheet HTML 157Page - Renesas Technology Corp HD64F36022 Datasheet HTML 158Page - Renesas Technology Corp HD64F36022 Datasheet HTML 159Page - Renesas Technology Corp HD64F36022 Datasheet HTML 160Page - Renesas Technology Corp HD64F36022 Datasheet HTML 161Page - Renesas Technology Corp HD64F36022 Datasheet HTML 162Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 384 page
background image
Section 10 Timer V
Rev. 4.00 Sep. 23, 2005 Page 132 of 354
REJ09B0025-0400
10.6
Usage Notes
The following types of contention or operation can occur in timer V operation.
1.
Writing to registers is performed in the T3 state of a TCNTV write cycle. If a TCNTV clear
signal is generated in the T3 state of a TCNTV write cycle, as shown in figure 10.11, clearing
takes precedence and the write to the counter is not carried out. If counting-up is generated in
the T3 state of a TCNTV write cycle, writing takes precedence.
2.
If a compare match is generated in the T3 state of a TCORA or TCORB write cycle, the write
to TCORA or TCORB takes precedence and the compare match signal is inhibited. Figure
10.12 shows the timing.
3.
If compare matches A and B occur simultaneously, any conflict between the output selections
for compare match A and compare match B is resolved by the following priority: toggle
output
> output 1 > output 0.
4.
Depending on the timing, TCNTV may be incremented by a switch between different internal
clock sources. When TCNTV is internally clocked, an increment pulse is generated from the
falling edge of an internal clock signal, that is divided system clock (
φ). Therefore, as shown
in figure 10.3 the switch is from a high clock signal to a low clock signal, the switchover is
seen as a falling edge, causing TCNTV to increment. TCNTV can also be incremented by a
switch between internal and external clocks.
ø
Address
TCNTV address
TCNTV write cycle by CPU
Internal write signal
Counter clear signal
TCNTV
N
H'00
T1
T2
T3
Figure 10.11 Contention between TCNTV Write and Clear



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com