Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 161 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 161 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 157Page - Renesas Technology Corp HD64F36022 Datasheet HTML 158Page - Renesas Technology Corp HD64F36022 Datasheet HTML 159Page - Renesas Technology Corp HD64F36022 Datasheet HTML 160Page - Renesas Technology Corp HD64F36022 Datasheet HTML 161Page - Renesas Technology Corp HD64F36022 Datasheet HTML 162Page - Renesas Technology Corp HD64F36022 Datasheet HTML 163Page - Renesas Technology Corp HD64F36022 Datasheet HTML 164Page - Renesas Technology Corp HD64F36022 Datasheet HTML 165Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 384 page
background image
Section 11 Timer W
TIM08W0A_000020020200
Rev. 4.00 Sep. 23, 2005 Page 135 of 354
REJ09B0025-0400
Section 11 Timer W
The timer W has a 16-bit timer having output compare and input capture functions. The timer W
can count external events and output pulses with an arbitrary duty cycle by compare match
between the timer counter and four general registers. Thus, it can be applied to various systems.
11.1
Features
• Selection of five counter clock sources: four internal clocks (φ, φ/2, φ/4, and φ/8) and an
external clock (external events can be counted)
• Capability to process up to four pulse outputs or four pulse inputs
• Four general registers:
 Independently assignable output compare or input capture functions
 Usable as two pairs of registers; one register of each pair operates as a buffer for the output
compare or input capture register
• Four selectable operating modes :
 Waveform output by compare match
Selection of 0 output, 1 output, or toggle output
 Input capture function
Rising edge, falling edge, or both edges
 Counter clearing function
Counters can be cleared by compare match
 PWM mode
Up to three-phase PWM output can be provided with desired duty ratio.
• Any initial timer output value can be set
• Five interrupt sources
Four compare match/input capture interrupts and an overflow interrupt.
Table 11.1 summarizes the timer W functions, and figure 11.1 shows a block diagram of the timer
W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com