Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 165 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 165 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 161Page - Renesas Technology Corp HD64F36022 Datasheet HTML 162Page - Renesas Technology Corp HD64F36022 Datasheet HTML 163Page - Renesas Technology Corp HD64F36022 Datasheet HTML 164Page - Renesas Technology Corp HD64F36022 Datasheet HTML 165Page - Renesas Technology Corp HD64F36022 Datasheet HTML 166Page - Renesas Technology Corp HD64F36022 Datasheet HTML 167Page - Renesas Technology Corp HD64F36022 Datasheet HTML 168Page - Renesas Technology Corp HD64F36022 Datasheet HTML 169Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 384 page
background image
Section 11 Timer W
Rev. 4.00 Sep. 23, 2005 Page 139 of 354
REJ09B0025-0400
11.3.1
Timer Mode Register W (TMRW)
TMRW selects the general register functions and the timer output mode.
Bit
Bit Name
Initial
Value
R/W
Description
7
CTS
0
R/W
Counter Start
The counter operation is halted when this bit is 0, while it
can be performed when this bit is 1.
6
1
Reserved
This bit is always read as 1.
5
BUFEB
0
R/W
Buffer Operation B
Selects the GRD function.
0: GRD operates as an input capture/output compare
register
1: GRD operates as the buffer register for GRB
4
BUFEA
0
R/W
Buffer Operation A
Selects the GRC function.
0: GRC operates as an input capture/output compare
register
1: GRC operates as the buffer register for GRA
3
1
Reserved
This bit is always read as 1.
2
PWMD
0
R/W
PWM Mode D
Selects the output mode of the FTIOD pin.
0: FTIOD operates normally (output compare output)
1: PWM output
1
PWMC
0
R/W
PWM Mode C
Selects the output mode of the FTIOC pin.
0: FTIOC operates normally (output compare output)
1: PWM output
0
PWMB
0
R/W
PWM Mode B
Selects the output mode of the FTIOB pin.
0: FTIOB operates normally (output compare output)
1: PWM output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com