Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 168 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 168 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 164Page - Renesas Technology Corp HD64F36022 Datasheet HTML 165Page - Renesas Technology Corp HD64F36022 Datasheet HTML 166Page - Renesas Technology Corp HD64F36022 Datasheet HTML 167Page - Renesas Technology Corp HD64F36022 Datasheet HTML 168Page - Renesas Technology Corp HD64F36022 Datasheet HTML 169Page - Renesas Technology Corp HD64F36022 Datasheet HTML 170Page - Renesas Technology Corp HD64F36022 Datasheet HTML 171Page - Renesas Technology Corp HD64F36022 Datasheet HTML 172Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 384 page
background image
Section 11 Timer W
Rev. 4.00 Sep. 23, 2005 Page 142 of 354
REJ09B0025-0400
11.3.4
Timer Status Register W (TSRW)
TSRW shows the status of interrupt requests.
Bit
Bit Name
Initial
Value
R/W
Description
7
OVF
0
R/W
Timer Overflow Flag
[Setting condition]
When TCNT overflows from H'FFFF to H'0000
[Clearing condition]
Read OVF when OVF = 1, then write 0 in OVF
6 to 4
All 1
Reserved
These bits are always read as 1.
3
IMFD
0
R/W
Input Capture/Compare Match Flag D
[Setting conditions]
• TCNT = GRD when GRD functions as an output
compare register
• The TCNT value is transferred to GRD by an input
capture signal when GRD functions as an input
capture register
[Clearing condition]
Read IMFD when IMFD = 1, then write 0 in IMFD
2
IMFC
0
R/W
Input Capture/Compare Match Flag C
[Setting conditions]
• TCNT = GRC when GRC functions as an output
compare register
• The TCNT value is transferred to GRC by an input
capture signal when GRC functions as an input
capture register
[Clearing condition]
Read IMFC when IMFC = 1, then write 0 in IMFC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com