Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 194 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 194 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 190Page - Renesas Technology Corp HD64F36022 Datasheet HTML 191Page - Renesas Technology Corp HD64F36022 Datasheet HTML 192Page - Renesas Technology Corp HD64F36022 Datasheet HTML 193Page - Renesas Technology Corp HD64F36022 Datasheet HTML 194Page - Renesas Technology Corp HD64F36022 Datasheet HTML 195Page - Renesas Technology Corp HD64F36022 Datasheet HTML 196Page - Renesas Technology Corp HD64F36022 Datasheet HTML 197Page - Renesas Technology Corp HD64F36022 Datasheet HTML 198Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 384 page
background image
Section 12 Watchdog Timer
Rev. 4.00 Sep. 23, 2005 Page 168 of 354
REJ09B0025-0400
12.2
Register Descriptions
The watchdog timer has the following registers.
• Timer control/status register WD (TCSRWD)
• Timer counter WD (TCWD)
• Timer mode register WD (TMWD)
12.2.1
Timer Control/Status Register WD (TCSRWD)
TCSRWD performs the TCSRWD and TCWD write control. TCSRWD also controls the
watchdog timer operation and indicates the operating state. TCSRWD must be rewritten by using
the MOV instruction. The bit manipulation instruction cannot be used to change the setting value.
Bit
Bit Name
Initial
Value
R/W
Description
7
B6WI
1
R/W
Bit 6 Write Inhibit
The TCWE bit can be written only when the write value of
the B6WI bit is 0.
This bit is always read as 1.
6
TCWE
0
R/W
Timer Counter WD Write Enable
TCWD can be written when the TCWE bit is set to 1.
When writing data to this bit, the value for bit 7 must be 0.
5
B4WI
1
R/W
Bit 4 Write Inhibit
The TCSRWE bit can be written only when the write
value of the B4WI bit is 0. This bit is always read as 1.
4
TCSRWE
0
R/W
Timer Control/Status Register WD Write Enable
The WDON and WRST bits can be written when the
TCSRWE bit is set to 1.
When writing data to this bit, the value for bit 5 must be 0.
3
B2WI
1
R/W
Bit 2 Write Inhibit
This bit can be written to the WDON bit only when the
write value of the B2WI bit is 0.
This bit is always read as 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com