Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 193 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 193 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 189Page - Renesas Technology Corp HD64F36022 Datasheet HTML 190Page - Renesas Technology Corp HD64F36022 Datasheet HTML 191Page - Renesas Technology Corp HD64F36022 Datasheet HTML 192Page - Renesas Technology Corp HD64F36022 Datasheet HTML 193Page - Renesas Technology Corp HD64F36022 Datasheet HTML 194Page - Renesas Technology Corp HD64F36022 Datasheet HTML 195Page - Renesas Technology Corp HD64F36022 Datasheet HTML 196Page - Renesas Technology Corp HD64F36022 Datasheet HTML 197Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 384 page
background image
Section 12 Watchdog Timer
WDT0110A_000020020200
Rev. 4.00 Sep. 23, 2005 Page 167 of 354
REJ09B0025-0400
Section 12 Watchdog Timer
The watchdog timer is an 8-bit timer that can generate an internal reset signal for this LSI if a
system crash prevents the CPU from writing to the timer counter, thus allowing it to overflow.
The block diagram of the watchdog timer is shown in figure 12.1.
ø
Internal reset
signal
PSS
TCWD
TMWD
TCSRWD
Legend:
TCSRWD: Timer control/status register WD
TCWD:
Timer counter WD
PSS:
Prescaler S
TMWD:
Timer mode register WD
Internal
oscillator
CLK
Figure 12.1 Block Diagram of Watchdog Timer
12.1
Features
• Selectable from nine counter input clocks.
Eight clock sources (
φ/64, φ/128, φ/256, φ/512, φ/1024, φ/2048, φ/4096, and φ/8192) or the
internal oscillator can be selected as the timer-counter clock. When the internal oscillator is
selected, it can operate as the watchdog timer in any operating mode.
• Reset signal generated on counter overflow
An overflow period of 1 to 256 times the selected clock can be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com