Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 199 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 199 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 195Page - Renesas Technology Corp HD64F36022 Datasheet HTML 196Page - Renesas Technology Corp HD64F36022 Datasheet HTML 197Page - Renesas Technology Corp HD64F36022 Datasheet HTML 198Page - Renesas Technology Corp HD64F36022 Datasheet HTML 199Page - Renesas Technology Corp HD64F36022 Datasheet HTML 200Page - Renesas Technology Corp HD64F36022 Datasheet HTML 201Page - Renesas Technology Corp HD64F36022 Datasheet HTML 202Page - Renesas Technology Corp HD64F36022 Datasheet HTML 203Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 384 page
background image
Section 13 Serial Communication Interface 3 (SCI3)
SCI0010A_000120030300
Rev. 4.00 Sep. 23, 2005 Page 173 of 354
REJ09B0025-0400
Section 13 Serial Communication Interface 3 (SCI3)
This LSI includes a serial communication interface 3 (SCI3). The SCI3 can handle both
asynchronous and clocked synchronous serial communication. In asynchronous mode, serial data
communication can be carried out using standard asynchronous communication chips such as a
Universal Asynchronous Receiver/Transmitter (UART) or an Asynchronous Communication
Interface Adapter (ACIA). A function is also provided for serial communication between
processors (multiprocessor communication function).
Table 13.1 shows the SCI3 channel configuration and figure 13.1 shows a block diagram of the
SCI3. Since pin functions are identical for each of the two channels (SCI3 and SCI3_2), separate
explanations are not given in this section.
13.1
Features
• Choice of asynchronous or clocked synchronous serial communication mode
• Full-duplex communication capability
The transmitter and receiver are mutually independent, enabling transmission and reception to
be executed simultaneously.
Double-buffering is used in both the transmitter and the receiver, enabling continuous
transmission and continuous reception of serial data.
• On-chip baud rate generator allows any bit rate to be selected
• External clock or on-chip baud rate generator can be selected as a transfer clock source.
• Six interrupt sources
Transmit-end, transmit-data-empty, receive-data-full, overrun error, framing error, and parity
error.
Asynchronous mode
• Data length: 7 or 8 bits
• Stop bit length: 1 or 2 bits
• Parity: Even, odd, or none
• Receive error detection: Parity, overrun, and framing errors
• Break detection: Break can be detected by reading the RXD pin level directly in the case of a
framing error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com