Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 235 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 235 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 231Page - Renesas Technology Corp HD64F36022 Datasheet HTML 232Page - Renesas Technology Corp HD64F36022 Datasheet HTML 233Page - Renesas Technology Corp HD64F36022 Datasheet HTML 234Page - Renesas Technology Corp HD64F36022 Datasheet HTML 235Page - Renesas Technology Corp HD64F36022 Datasheet HTML 236Page - Renesas Technology Corp HD64F36022 Datasheet HTML 237Page - Renesas Technology Corp HD64F36022 Datasheet HTML 238Page - Renesas Technology Corp HD64F36022 Datasheet HTML 239Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 384 page
background image
Section 13 Serial Communication Interface 3 (SCI3)
Rev. 4.00 Sep. 23, 2005 Page 209 of 354
REJ09B0025-0400
No
<End>
Yes
Start transmission
Read TDRE flag in SSR
[1]
Set MPBT bit in SSR
Yes
No
No
Yes
Read TEND flag in SSR
[2]
No
Yes
[3]
Clear PDR to 0 and set PCR to 1
Clear TE bit in SCR3 to 0
TDRE = 1
All data transmitted?
TEND = 1
Break output?
Write transmit data to TDR
[1]
Read SSR and check that the TDRE
flag is set to 1, set the MPBT bit in
SSR to 0 or 1, then write transmit
data to TDR. When data is written to
TDR, the TDRE flag is automatically
cleared to 0.
[2]
To continue serial transmission, be
sure to read 1 from the TDRE flag to
confirm that writing is possible, then
write data to TDR. When data is
written to TDR, the TDRE flag is
automatically cleared to 0.
[3]
To output a break in serial
transmission, set the port PCR to 1,
clear PDR to 0, then clear the TE bit
in SCR3 to 0.
Figure 13.16 Sample Multiprocessor Serial Transmission Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com