Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 237 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 237 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 233Page - Renesas Technology Corp HD64F36022 Datasheet HTML 234Page - Renesas Technology Corp HD64F36022 Datasheet HTML 235Page - Renesas Technology Corp HD64F36022 Datasheet HTML 236Page - Renesas Technology Corp HD64F36022 Datasheet HTML 237Page - Renesas Technology Corp HD64F36022 Datasheet HTML 238Page - Renesas Technology Corp HD64F36022 Datasheet HTML 239Page - Renesas Technology Corp HD64F36022 Datasheet HTML 240Page - Renesas Technology Corp HD64F36022 Datasheet HTML 241Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 384 page
background image
Section 13 Serial Communication Interface 3 (SCI3)
Rev. 4.00 Sep. 23, 2005 Page 211 of 354
REJ09B0025-0400
Yes
<End>
No
Start reception
No
Yes
[4]
Clear RE bit in SCR3 to 0
Error processing
(Continued on
next page)
[5]
Yes
No
FER+OER = 1
RDRF = 1
All data received?
Set MPIE bit in SCR3 to 1
[1]
[2]
Read OER and FER flags in SSR
Read RDRF flag in SSR
[3]
Read receive data in RDR
No
Yes
[A]
This station’s ID?
Read OER and FER flags in SSR
Yes
No
Read RDRF flag in SSR
No
Yes
FER+OER = 1
Read receive data in RDR
RDRF = 1
[1]
Set the MPIE bit in SCR3 to 1.
[2]
Read OER and FER in SSR to check for
errors. Receive error processing is performed
in cases where a receive error occurs.
[3]
Read SSR and check that the RDRF flag is
set to 1, then read the receive data in RDR
and compare it with this station’s ID.
If the data is not this station’s ID, set the MPIE
bit to 1 again.
When data is read from RDR, the RDRF flag
is automatically cleared to 0.
[4]
Read SSR and check that the RDRF flag is
set to 1, then read the data in RDR.
[5]
If a receive error occurs, read the OER and
FER flags in SSR to identify the error. After
performing the appropriate error processing,
ensure that the OER and FER flags are all
cleared to 0.
Reception cannot be resumed if either of
these flags is set to 1.
In the case of a framing error, a break can be
detected by reading the RxD pin value.
Figure 13.17 Sample Multiprocessor Serial Reception Flowchart (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com