Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 241 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 241 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 237Page - Renesas Technology Corp HD64F36022 Datasheet HTML 238Page - Renesas Technology Corp HD64F36022 Datasheet HTML 239Page - Renesas Technology Corp HD64F36022 Datasheet HTML 240Page - Renesas Technology Corp HD64F36022 Datasheet HTML 241Page - Renesas Technology Corp HD64F36022 Datasheet HTML 242Page - Renesas Technology Corp HD64F36022 Datasheet HTML 243Page - Renesas Technology Corp HD64F36022 Datasheet HTML 244Page - Renesas Technology Corp HD64F36022 Datasheet HTML 245Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 384 page
background image
Section 13 Serial Communication Interface 3 (SCI3)
Rev. 4.00 Sep. 23, 2005 Page 215 of 354
REJ09B0025-0400
13.8
Usage Notes
13.8.1
Break Detection and Processing
When framing error detection is performed, a break can be detected by reading the RXD pin value
directly. In a break, the input from the RXD pin becomes all 0s, setting the FER flag, and possibly
the PER flag. Note that as the SCI3 continues the receive operation after receiving a break, even if
the FER flag is cleared to 0, it will be set to 1 again.
13.8.2
Mark State and Break Sending
When TE is 0, the TXD pin is used as an I/O port whose direction (input or output) and level are
determined by PCR and PDR. This can be used to set the TXD pin to mark state (high level) or
send a break during serial data transmission. To maintain the communication line at mark state
until TE is set to 1, set both PCR and PDR to 1. As TE is cleared to 0 at this point, the TXD pin
becomes an I/O port, and 1 is output from the TXD pin. To send a break during serial
transmission, first set PCR to 1 and clear PDR to 0, and then clear TE to 0. When TE is cleared to
0, the transmitter is initialized regardless of the current transmission state, the TXD pin becomes
an I/O port, and 0 is output from the TXD pin.
13.8.3
Receive Error Flags and Transmit Operations (Clocked Synchronous Mode Only)
Transmission cannot be started when a receive error flag (OER, PER, or FER) is set to 1, even if
the TDRE flag is cleared to 0. Be sure to clear the receive error flags to 0 before starting
transmission. Note also that receive error flags cannot be cleared to 0 even if the RE bit is cleared
to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com