Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 242 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 242 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 238Page - Renesas Technology Corp HD64F36022 Datasheet HTML 239Page - Renesas Technology Corp HD64F36022 Datasheet HTML 240Page - Renesas Technology Corp HD64F36022 Datasheet HTML 241Page - Renesas Technology Corp HD64F36022 Datasheet HTML 242Page - Renesas Technology Corp HD64F36022 Datasheet HTML 243Page - Renesas Technology Corp HD64F36022 Datasheet HTML 244Page - Renesas Technology Corp HD64F36022 Datasheet HTML 245Page - Renesas Technology Corp HD64F36022 Datasheet HTML 246Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 384 page
background image
Section 13 Serial Communication Interface 3 (SCI3)
Rev. 4.00 Sep. 23, 2005 Page 216 of 354
REJ09B0025-0400
13.8.4
Receive Data Sampling Timing and Reception Margin in Asynchronous Mode
In asynchronous mode, the SCI3 operates on a basic clock with a frequency of 16 times the
transfer rate. In reception, the SCI3 samples the falling edge of the start bit using the basic clock,
and performs internal synchronization. Receive data is latched internally at the rising edge of the
8th pulse of the basic clock as shown in figure 13.19. Thus, the reception margin in asynchronous
mode is given by formula (1) below.
M = (0.5 –
) –
– (L – 0.5) F
× 100(%)
1
2N
D – 0.5
N
... Formula (1)
[Legend\
N: Ratio of bit rate to clock (N = 16)
D: Clock duty (D = 0.5 to 1.0)
L: Frame length (L = 9 to 12)
F: Absolute value of clock rate deviation
Assuming values of F (absolute value of clock rate deviation) = 0 and D (clock duty) = 0.5 in
formula (1), the reception margin can be given by the formula.
M = {0.5 – 1/(2
× 16)} × 100 [%] = 46.875%
However, this is only the computed value, and a margin of 20% to 30% should be allowed for in
system design.
Internal basic
clock
16 clocks
8 clocks
Receive data
(RxD)
Synchronization
sampling timing
Start bit
D0
D1
Data sampling
timing
15 0
7
15 0
0
7
Figure 13.19 Receive Data Sampling Timing in Asynchronous Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com