Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 243 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 243 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 239Page - Renesas Technology Corp HD64F36022 Datasheet HTML 240Page - Renesas Technology Corp HD64F36022 Datasheet HTML 241Page - Renesas Technology Corp HD64F36022 Datasheet HTML 242Page - Renesas Technology Corp HD64F36022 Datasheet HTML 243Page - Renesas Technology Corp HD64F36022 Datasheet HTML 244Page - Renesas Technology Corp HD64F36022 Datasheet HTML 245Page - Renesas Technology Corp HD64F36022 Datasheet HTML 246Page - Renesas Technology Corp HD64F36022 Datasheet HTML 247Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 384 page
background image
Section 14 A/D Converter
ADCMS32A_000020020200
Rev. 4.00 Sep. 23, 2005 Page 217 of 354
REJ09B0025-0400
Section 14 A/D Converter
This LSI includes a successive approximation type 10-bit A/D converter that allows up to four
analog input channels to be selected. The block diagram of the A/D converter is shown in figure
14.1.
14.1
Features
• 10-bit resolution
• Four input channels
• Conversion time: at least 3.5 µs per channel (at 20 MHz operation)
• Two operating modes
 Single mode: Single-channel A/D conversion
 Scan mode: Continuous A/D conversion on 1 to 4 channels
• Four data registers
 Conversion results are held in a 16-bit data register for each channel
• Sample and hold function
• Two conversion start methods
 Software
 External trigger signal
• Interrupt request
 An A/D conversion end interrupt request (ADI) can be generated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com