Electronic Components Datasheet Search
  English  ▼

X  

SH7670 Datasheet(PDF) 116 Page - Renesas Technology Corp

Part # SH7670
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7670 Datasheet(HTML) 116 Page - Renesas Technology Corp

Back Button SH7670 Datasheet HTML 112Page - Renesas Technology Corp SH7670 Datasheet HTML 113Page - Renesas Technology Corp SH7670 Datasheet HTML 114Page - Renesas Technology Corp SH7670 Datasheet HTML 115Page - Renesas Technology Corp SH7670 Datasheet HTML 116Page - Renesas Technology Corp SH7670 Datasheet HTML 117Page - Renesas Technology Corp SH7670 Datasheet HTML 118Page - Renesas Technology Corp SH7670 Datasheet HTML 119Page - Renesas Technology Corp SH7670 Datasheet HTML 120Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 1292 page
background image
Section 4 Cache
Rev. 1.00 Nov. 14, 2007 Page 90 of 1262
REJ09B0437-0100
4.2
Register Descriptions
The cache has the following registers.
Table 4.2
Register Configuration
Register Name
Abbreviation
R/W
Initial Value
Address
Access Size
Cache control register 1
CCR1
R/W
H'00000000
H'FFFC1000
32
Cache control register 2
CCR2
R/W
H'00000000
H'FFFC1004
32
4.2.1
Cache Control Register 1 (CCR1)
The instruction cache is enabled or disabled using the ICE bit. The ICF bit controls disabling of all
instruction cache entries. The operand cache is enabled or disabled using the OCE bit. The OCF
bit controls disabling of all operand cache entries. The WT bit selects either write-through mode or
write-back mode for operand cache.
Programs that change the contents of CCR1 should be placed in a cache-disabled space, and a
cache-enabled space should be accessed after reading the contents of CCR1.
CCR1 is initialized to H'00000000 by a power-on reset but not initialized by a manual reset or in
software standby mode.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000000
RRRRRRRRRRRRRRRR
0000000000000000
R
R
R
R
R/W
R
R
R/W
R
R
R
R
R/W
R
R/W
R/W
Bit:
Initial value:
R/W:
Bit:
Initial value:
R/W:
----------------
-
-
-
-
ICF
-
-
ICE
-
-
-
-
OCF
-
WT
OCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com