Electronic Components Datasheet Search
  English  ▼

X  

SH7670 Datasheet(PDF) 118 Page - Renesas Technology Corp

Part # SH7670
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7670 Datasheet(HTML) 118 Page - Renesas Technology Corp

Back Button SH7670 Datasheet HTML 114Page - Renesas Technology Corp SH7670 Datasheet HTML 115Page - Renesas Technology Corp SH7670 Datasheet HTML 116Page - Renesas Technology Corp SH7670 Datasheet HTML 117Page - Renesas Technology Corp SH7670 Datasheet HTML 118Page - Renesas Technology Corp SH7670 Datasheet HTML 119Page - Renesas Technology Corp SH7670 Datasheet HTML 120Page - Renesas Technology Corp SH7670 Datasheet HTML 121Page - Renesas Technology Corp SH7670 Datasheet HTML 122Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 1292 page
background image
Section 4 Cache
Rev. 1.00 Nov. 14, 2007 Page 92 of 1262
REJ09B0437-0100
4.2.2
Cache Control Register 2 (CCR2)
CCR2 is used to enable or disable the cache locking function for operand cache and is valid in
cache locking mode only. In cache locking mode, the lock enable bit (the LE bit) in CCR2 is set to
1. In non-cache-locking mode, the cache locking function is invalid.
When a cache miss occurs in cache locking mode by executing the prefetch instruction (PREF
@Rn), the line of data pointed to by Rn is loaded into the cache according to bits 9 and 8 (the
W3LOAD and W3LOCK bits) and bits 1 and 0 (the W2LOAD and W2LOCK bits) in CCR2. The
relationship between the setting of each bit and a way, to be replaced when the prefetch instruction
is executed, are listed in table 4.3. On the other hand, when the prefetch instruction is executed
and a cache hit occurs, new data is not fetched and the entry which is already enabled is held. For
example, when the prefetch instruction is executed with W3LOAD = 1 and W3LOCK = 1
specified in cache locking mode while one-line data already exists in way 0 which is specified by
Rn, a cache hit occurs and data is not fetched to way 3.
In the cache access other than the prefetch instruction in cache locking mode, ways to be replaced
by bits W3LOCK and W2LOCK are restricted. The relationship between the setting of each bit in
CCR2 and ways to be replaced are listed in table 4.4.
Programs that change the contents of CCR2 should be placed in a cache-disabled space, and a
cache-enabled space should be accessed after reading the contents of CCR2.
CCR2 is initialized to H'00000000 by a power-on reset but not initialized by a manual reset or in
software standby mode.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000000
RRRRRRRRRRRRRRR
R/W
0000000000000000
R
R
R
R
R
R
R/W
R/W
R
R
R
R
R
R
R/W
R/W
Bit:
Initial value:
R/W:
Bit:
Initial value:
R/W:
Note:
The W3LOAD and W2LOAD bits should not be set to 1 at the same time.
*
---------------
LE
------
W3
LOAD*
W3
LOCK
W2
LOAD*
W2
LOCK
------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com