Electronic Components Datasheet Search
  English  ▼

X  

SH7670 Datasheet(PDF) 131 Page - Renesas Technology Corp

Part # SH7670
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7670 Datasheet(HTML) 131 Page - Renesas Technology Corp

Back Button SH7670 Datasheet HTML 127Page - Renesas Technology Corp SH7670 Datasheet HTML 128Page - Renesas Technology Corp SH7670 Datasheet HTML 129Page - Renesas Technology Corp SH7670 Datasheet HTML 130Page - Renesas Technology Corp SH7670 Datasheet HTML 131Page - Renesas Technology Corp SH7670 Datasheet HTML 132Page - Renesas Technology Corp SH7670 Datasheet HTML 133Page - Renesas Technology Corp SH7670 Datasheet HTML 134Page - Renesas Technology Corp SH7670 Datasheet HTML 135Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 1292 page
background image
Section 4 Cache
Rev. 1.00 Nov. 14, 2007 Page 105 of 1262
REJ09B0437-0100
4.4.3
Usage Examples
(1)
Invalidating Specific Entries
Specific cache entries can be invalidated by writing 0 to the entry's V bit in the memory mapping
cache access. When the A bit is 1, the tag address specified by the write data is compared to the
tag address within the cache selected by the entry address, and data is written to the bits V and U
specified by the write data when a match is found. If no match is found, there is no operation.
When the V bit of an entry in the address array is set to 0, the entry is written back if the entry's U
bit is 1.
An example when a write data is specified in R0 and an address is specified in R1 is shown below.
; R0=H'0110 0010; tag address(28-11)=B'0 0001 0001 0000 0000 0, U=0, V=0
; R1=H'F080 0088; operand cache address array access, entry=B'000 1000, A=1
;
MOV.L
R0,@R1
(2)
Reading the Data of a Specific Entry
The data section of a specific cache entry can be read by the memory mapping cache access. The
longword indicated in the data field of the data array in figure 4.4 is read into the register.
An example when an address is specified in R0 and data is read in R1 is shown below.
; R0=H'F100 004C; instruction cache data array access, entry=B'000 0100,
; Way=0, longword address=3
;
MOV.L
@R0,R1
4.4.4
Notes
1. Programs that access memory-mapped cache should be placed in a cache-disabled space.
2. Rewriting the address array contents so that two or more ways are hit simultaneously is
prohibited. Operation is not guaranteed if the address array contents are changed so that two or
more ways are hit simultaneously.
3. Memory-mapped cache can be accessed only by the CPU and not by the DMAC. Registers can
be accessed by the CPU and the DMAC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com