Electronic Components Datasheet Search
  English  ▼

X  

SH7670 Datasheet(PDF) 133 Page - Renesas Technology Corp

Part # SH7670
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7670 Datasheet(HTML) 133 Page - Renesas Technology Corp

Back Button SH7670 Datasheet HTML 129Page - Renesas Technology Corp SH7670 Datasheet HTML 130Page - Renesas Technology Corp SH7670 Datasheet HTML 131Page - Renesas Technology Corp SH7670 Datasheet HTML 132Page - Renesas Technology Corp SH7670 Datasheet HTML 133Page - Renesas Technology Corp SH7670 Datasheet HTML 134Page - Renesas Technology Corp SH7670 Datasheet HTML 135Page - Renesas Technology Corp SH7670 Datasheet HTML 136Page - Renesas Technology Corp SH7670 Datasheet HTML 137Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 1292 page
background image
Section 5 Exception Handling
Rev. 1.00 Nov. 14, 2007 Page 107 of 1262
REJ09B0437-0100
Section 5 Exception Handling
5.1
Overview
5.1.1
Types of Exception Handling and Priority
Exception handling is started by sources, such as resets, address errors, register bank errors,
interrupts, and instructions. Table 5.1 shows their priorities. When several exception handling
sources occur at once, they are processed according to the priority shown.
Table 5.1
Types of Exception Handling and Priority Order
Type
Exception Handling
Priority
Power-on reset
Reset
Manual reset
CPU address error
Address
error
DMAC address error
FPU exception
Integer division exception (division by zero)
Instruction
Integer division exception (overflow)
Bank underflow
Register
bank error
Bank overflow
NMI
User break
H-UDI
IRQ
Direct memory access controller (DMAC)
USB2.0 host/function module (USB)
Compare match timer (CMT)
Bus state controller (BSC)
Watchdog timer (WDT)
Host interface (HIF)
Interrupt
On-chip peripheral modules
Encryption/decryption and forward error
correction core conjunction DMAC (A-
DMAC)
High
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com