Electronic Components Datasheet Search
  English  ▼

X  

SH7670 Datasheet(PDF) 147 Page - Renesas Technology Corp

Part # SH7670
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7670 Datasheet(HTML) 147 Page - Renesas Technology Corp

Back Button SH7670 Datasheet HTML 143Page - Renesas Technology Corp SH7670 Datasheet HTML 144Page - Renesas Technology Corp SH7670 Datasheet HTML 145Page - Renesas Technology Corp SH7670 Datasheet HTML 146Page - Renesas Technology Corp SH7670 Datasheet HTML 147Page - Renesas Technology Corp SH7670 Datasheet HTML 148Page - Renesas Technology Corp SH7670 Datasheet HTML 149Page - Renesas Technology Corp SH7670 Datasheet HTML 150Page - Renesas Technology Corp SH7670 Datasheet HTML 151Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 1292 page
background image
Section 5 Exception Handling
Rev. 1.00 Nov. 14, 2007 Page 121 of 1262
REJ09B0437-0100
5.5.2
Interrupt Priority Level
The interrupt priority order is predetermined. When multiple interrupts occur simultaneously
(overlap), the interrupt controller (INTC) determines their relative priorities and starts processing
according to the results.
The priority order of interrupts is expressed as priority levels 0 to 16, with priority 0 the lowest
and priority 16 the highest. The NMI interrupt has priority 16 and cannot be masked, so it is
always accepted. The user break interrupt and H-UDI interrupt priority level is 15. Priority levels
of IRQ interrupts, and on-chip peripheral module interrupts can be set freely using the interrupt
priority registers 01, 02, and 06 to 16 (IPR01, IPR02, and IPR06 to IPR16) of the INTC as shown
in table 5.9. The priority levels that can be set are 0 to 15. Level 16 cannot be set. See section
6.3.1, Interrupt Priority Registers 01, 02, 06 to 16 (IPR01, IPR02, IPR06 to IPR16), for details of
IPR01, IPR02, and IPR05 to IPR14.
Table 5.9
Interrupt Priority Order
Type
Priority Level
Comment
NMI
16
Fixed priority level. Cannot be masked.
User break
15
Fixed priority level.
H-UDI
15
Fixed priority level.
IRQ
On-chip peripheral module
0 to 15
Set with interrupt priority registers 01, 02, and 05
to 14 (IPR01, IPR02, and IPR05 to IPR14).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com