Electronic Components Datasheet Search
  English  ▼

X  

SH7670 Datasheet(PDF) 151 Page - Renesas Technology Corp

Part # SH7670
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7670 Datasheet(HTML) 151 Page - Renesas Technology Corp

Back Button SH7670 Datasheet HTML 147Page - Renesas Technology Corp SH7670 Datasheet HTML 148Page - Renesas Technology Corp SH7670 Datasheet HTML 149Page - Renesas Technology Corp SH7670 Datasheet HTML 150Page - Renesas Technology Corp SH7670 Datasheet HTML 151Page - Renesas Technology Corp SH7670 Datasheet HTML 152Page - Renesas Technology Corp SH7670 Datasheet HTML 153Page - Renesas Technology Corp SH7670 Datasheet HTML 154Page - Renesas Technology Corp SH7670 Datasheet HTML 155Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 1292 page
background image
Section 5 Exception Handling
Rev. 1.00 Nov. 14, 2007 Page 125 of 1262
REJ09B0437-0100
instruction are handled as an undefined code; when such an instruction is placed anywhere other
than immediately after a delayed branch instruction (i.e., in a delay slot), general illegal instruction
exception handling starts if the instruction is decoded.
The CPU handles general illegal instruction exception in the same way as slot illegal instruction
exception. Unlike processing of slot illegal instruction exception, however, the program counter
value stored is the start address of the undefined code.
5.6.5
Integer Division Instructions
When an integer division instruction performs division by zero or the result of integer division
overflows, integer division instruction exception handling starts. The instructions that may become
the source of division-by-zero exception are DIVU and DIVS. The only source instruction of
overflow exception is DIVS, and overflow exception occurs only when the negative maximum
value is divided by
−1. The CPU operates as follows:
1. The exception service routine start address which corresponds to the integer division
instruction exception that occurred is fetched from the exception handling vector table.
2. The status register (SR) is saved to the stack.
3. The program counter (PC) is saved to the stack. The PC value saved is the start address of the
integer division instruction at which the exception occurred.
4. After jumping to the exception service routine start address fetched from the exception
handling vector table, program execution starts. The jump that occurs is not a delayed branch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com