Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 526 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 526 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 522Page - Renesas Technology Corp SH7101 Datasheet HTML 523Page - Renesas Technology Corp SH7101 Datasheet HTML 524Page - Renesas Technology Corp SH7101 Datasheet HTML 525Page - Renesas Technology Corp SH7101 Datasheet HTML 526Page - Renesas Technology Corp SH7101 Datasheet HTML 527Page - Renesas Technology Corp SH7101 Datasheet HTML 528Page - Renesas Technology Corp SH7101 Datasheet HTML 529Page - Renesas Technology Corp SH7101 Datasheet HTML 530Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 526 / 560 page
background image
Section 20 Electrical Characteristics
Rev.1.00 Sep. 18, 2008 Page 492 of 522
REJ09B0069-0100
20.3.2
Clock Timing
Table 20.4 shows the clock timing.
Table 20.4
Clock Timing
Conditions: V
CC = 4.0 V to 5.5 V, AVCC = 4.0 V to 5.5 V, VSS = PLLVSS = AVSS = 0 V, Ta = –20°C
to +75
°C (standard product*), T
a = –40°C to +85°C (wide temperature-range
product*)
Item
Symbol
Min.
Max.
Unit
Figures
50-MHz operation*
10
50
Operating frequency
40-MHz operation*
f
op
10
40
MHz
50-MHz operation*
20
100
Clock cycle time
40-MHz operation*
t
cyc
25
100
ns
Clock low-level pulse width
t
CL
4
—
ns
Clock high-level pulse width
t
CH
4
—
ns
Clock rise time
t
CR
—
5
ns
Clock fall time
t
CF
—
5
ns
Figure 20.2
50-MHz operation*
4
12.5
EXTAL clock input
frequency
40-MHz operation*
f
EX
4
10.0
MHz
50-MHz operation*
80
250
EXTAL clock input
cycle time
40-MHz operation*
t
EXcyc
100
250
ns
50-MHz operation*
35
—
EXTAL clock input
low-level pulse width
40-MHz operation*
t
EXL
45
ns
50-MHz operation*
35
—
EXTAL clock input
high-level pulse width
40-MHz operation*
t
EXH
45
ns
EXTAL clock input rise time
t
EXR
—
5
ns
EXTAL clock input fall time
t
EXF
—
5
ns
Figure 20.3
Reset oscillation settling time
t
OSC1
10
—
ms
Standby return oscillation settling time
t
OSC2
10
—
ms
Figure 20.4
Clock cycle time for peripheral modules
t
pcyc
25
100
ns
—
Note:
* For details on correspondence of the standard product, wide temperature-range product,
and product model name, refer to description of maximum operating frequency and
operating temperature range in section 1.1, Features.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com