Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 92 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 92 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 88Page - Renesas Technology Corp SH7101 Datasheet HTML 89Page - Renesas Technology Corp SH7101 Datasheet HTML 90Page - Renesas Technology Corp SH7101 Datasheet HTML 91Page - Renesas Technology Corp SH7101 Datasheet HTML 92Page - Renesas Technology Corp SH7101 Datasheet HTML 93Page - Renesas Technology Corp SH7101 Datasheet HTML 94Page - Renesas Technology Corp SH7101 Datasheet HTML 95Page - Renesas Technology Corp SH7101 Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 560 page
background image
Section 4 Clock Pulse Generator
Rev.1.00 Sep. 18, 2008 Page 58 of 522
REJ09B0069-0100
When using a crystal resonator, place the crystal resonator and its load capacitors as close as
possible to the XTAL and EXTAL pins. Do not route any signal lines near the oscillator circuitry
as shown in figure 4.5. Otherwise, correct oscillation can be interfered by induction.
CL2
Signal A Signal B
This LSI
CL1
XTAL
EXTAL
Avoid
Figure 4.5 Cautions for Oscillator Circuit System Board Design
A circuitry shown in figure 4.6 is recommended as an external circuitry around the PLL. Place
oscillation stabilization capacitor C1 close to the PLLCAP pin, and ensure that no other signal
lines cross this line. Separate PLLVCL and PLLVSS circuit against VCC and VSS circuit from the
board power-supply source, and be sure to insert bypass capacitors CB and CPB close to the pins.
PLLCAP
PLLVCL
PLLVSS
VCC
VSS
C1: 470 pF
R1: 3k
Ω
CPB = 0.47
μF*
CB = 0.47
μF*
(Values are recommended values.)
Note: * CB and CPB are laminated ceramic type.
Figure 4.6 Recommended External Circuitry Around the PLL
Electromagnetic waves are radiated from an LSI in operation. This LSI has an electromagnetic
peak in the harmonics band whose primary frequency is determined by the lower frequency
between the system clock (
φ) and peripheral clock (Pφ). For example, when φ = 50 MHz and Pφ =
40 MHz, the primary frequency is 40 MHz. If this LSI is used adjacent to a device sensitive to
electromagnetic interference, e.g. FM/VHF band receiver, a printed circuit board of more than
four layers with planes exclusively for system ground is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com