Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 66 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 66 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 62Page - Renesas Technology Corp SH7101 Datasheet HTML 63Page - Renesas Technology Corp SH7101 Datasheet HTML 64Page - Renesas Technology Corp SH7101 Datasheet HTML 65Page - Renesas Technology Corp SH7101 Datasheet HTML 66Page - Renesas Technology Corp SH7101 Datasheet HTML 67Page - Renesas Technology Corp SH7101 Datasheet HTML 68Page - Renesas Technology Corp SH7101 Datasheet HTML 69Page - Renesas Technology Corp SH7101 Datasheet HTML 70Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 560 page
background image
Section 2 CPU
Rev.1.00 Sep. 18, 2008 Page 32 of 522
REJ09B0069-0100
Table 2.11
Symbols Used in Instruction Code, Operation, and Execution States Tables
Item
Format
Explanation
Instruction
Described in
mnemonic.
OP.Sz SRC,DEST
OP: Operation code
Sz: Size
SRC: Source
DEST: Destination
Rm: Source register
Rn: Destination register
imm: Immediate data
disp: Displacement*2
Instruction
code
Described in MSB
↔
LSB order
mmmm: Source register
nnnn: Destination register
0000: R0
0001: R1
⋅
⋅
⋅
1111: R15
iiii: Immediate data
dddd: Displacement
→, ←
Direction of transfer
(xx)
Memory operand
M/Q/T
Flag bits in the SR
&
Logical AND of each bit
|
Logical OR of each bit
^
Exclusive OR of each bit
~
Logical NOT of each bit
<<n
n-bit left shift
Outline of the
Operation
>>n
n-bit right shift
Execution
states
—
Value when no wait states are inserted*1
T bit
—
Value of T bit after instruction is executed. An em-dash (—)
in the column means no change.
Notes: 1. Instruction execution states: The execution states shown in the table are minimums.
The actual number of states may be increased when (1) contention occurs between
instruction fetches and data access, or (2) when the destination register of the load
instruction (memory
→ register) equals to the register used by the next instruction.
2. Depending on the operand size, displacement is scaled by
×1, ×2, or ×4. For details,
refer the SH-1/SH-2/SH-DSP Software Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com