Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 227 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 227 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 223Page - Renesas Technology Corp SH7101 Datasheet HTML 224Page - Renesas Technology Corp SH7101 Datasheet HTML 225Page - Renesas Technology Corp SH7101 Datasheet HTML 226Page - Renesas Technology Corp SH7101 Datasheet HTML 227Page - Renesas Technology Corp SH7101 Datasheet HTML 228Page - Renesas Technology Corp SH7101 Datasheet HTML 229Page - Renesas Technology Corp SH7101 Datasheet HTML 230Page - Renesas Technology Corp SH7101 Datasheet HTML 231Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 560 page
background image
Section 8 Multifunction Timer Pulse Unit (MTU)
Rev.1.00 Sep. 18, 2008 Page 193 of 522
REJ09B0069-0100
Initialization: In complementary PWM mode, there are six registers that must be initialized.
Before setting complementary PWM mode with bits MD3 to MD0 in the timer mode register
(TMDR), the following initial register values must be set.
TGRC_3 operates as the buffer register for TGRA_3, and should be set with 1/2 the PWM carrier
cycle + dead time Td. The timer cycle buffer register (TCBR) operates as the buffer register for
the timer cycle data register (TCDR), and should be set with 1/2 the PWM carrier cycle. Set dead
time Td in the timer dead time data register (TDDR).
Set the respective initial PWM duty cycle values in buffer registers TGRD_3, TGRC_4, and
TGRD_4.
The values set in the five buffer registers excluding TDDR are transferred simultaneously to the
corresponding compare registers when complementary PWM mode is set.
Set TCNT_4 to H'0000 before setting complementary PWM mode.
Table 8.41
Registers and Counters Requiring Initialization
Register/Counter
Set Value
TGRC_3
1/2 PWM carrier cycle + dead time Td
TDDR
Dead time Td
TCBR
1/2 PWM carrier cycle
TGRD_3, TGRC_4, TGRD_4
Initial PWM duty cycle value for each phase
TCNT_4
H'0000
Note:
The TGRC_3 set value must be the sum of 1/2 the PWM carrier cycle set in TCBR and
dead time Td set in TDDR.
PWM Output Level Setting: In complementary PWM mode, the PWM pulse output level is set
with bits OLSN and OLSP in the timer output control register (TOCR).
The output level can be set for each of the three positive phases and three negative phases of 6-
phase output.
Complementary PWM mode should be cleared before setting or changing output levels.
Dead Time Setting: In complementary PWM mode, PWM pulses are output with a non-
overlapping relationship between the positive and negative phases. This non-overlap time is called
the dead time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com