Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 232 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 232 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 228Page - Renesas Technology Corp SH7101 Datasheet HTML 229Page - Renesas Technology Corp SH7101 Datasheet HTML 230Page - Renesas Technology Corp SH7101 Datasheet HTML 231Page - Renesas Technology Corp SH7101 Datasheet HTML 232Page - Renesas Technology Corp SH7101 Datasheet HTML 233Page - Renesas Technology Corp SH7101 Datasheet HTML 234Page - Renesas Technology Corp SH7101 Datasheet HTML 235Page - Renesas Technology Corp SH7101 Datasheet HTML 236Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 560 page
background image
Section 8 Multifunction Timer Pulse Unit (MTU)
Rev.1.00 Sep. 18, 2008 Page 198 of 522
REJ09B0069-0100
Timer output control register settings
OLSN bit: 0 (initial output: high; active level: low)
OLSP bit: 0 (initial output: high; active level: low)
TCNT_3, 4 value
TGR_4
TDDR
TCNT_3
TCNT_4
Initial output
Time
Active level
TCNT_3, 4 count start
(TSTR setting)
Complementary
PWM mode
(TMDR setting)
Positive phase
output
Negative phase
output
Figure 8.39 Example of Initial Output in Complementary PWM Mode (2)
Complementary PWM Mode PWM Output Generation Method: In complementary PWM
mode, 3-phase output is performed of PWM waveforms with a non-overlap time between the
positive and negative phases. This non-overlap time is called the dead time.
A PWM waveform is generated by output of the output level selected in the timer output control
register in the event of a compare-match between a counter and data register. While TCNTS is
counting, data register and temporary register values are simultaneously compared to create
consecutive PWM pulses from 0 to 100%. The relative timing of on and off compare-match
occurrence may vary, but the compare-match that turns off each phase takes precedence to secure
the dead time and ensure that the positive phase and negative phase on times do not overlap.
Figures 8.40 to 8.42 show examples of waveform generation in complementary PWM mode.
The positive phase/negative phase off timing is generated by a compare-match with the solid-line
counter, and the on timing by a compare-match with the dotted-line counter operating with a delay
of the dead time behind the solid-line counter. In the T1 period, compare-match a that turns off the
negative phase has the highest priority, and compare-matches occurring prior to a are ignored. In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com