Electronic Components Datasheet Search
  English  ▼

X  

SH7785 Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # SH7785
Description  32-Bit RISC Microcomputer
PDF  1692 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7785 Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button SH7785 Datasheet HTML 38Page - Renesas Technology Corp SH7785 Datasheet HTML 39Page - Renesas Technology Corp SH7785 Datasheet HTML 40Page - Renesas Technology Corp SH7785 Datasheet HTML 41Page - Renesas Technology Corp SH7785 Datasheet HTML 42Page - Renesas Technology Corp SH7785 Datasheet HTML 43Page - Renesas Technology Corp SH7785 Datasheet HTML 44Page - Renesas Technology Corp SH7785 Datasheet HTML 45Page - Renesas Technology Corp SH7785 Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 1692 page
background image
1. Overview
Rev.1.00 Jan. 10, 2008 Page 12 of 1658
REJ09B0261-0100
Item
Features
Serial sound
interface (SSI)
• Number of channels: Two (max.)
• Supports transfer of compressed and non-compressed data
• Selectable frame size
NAND flash
memory
controller (FLCTL)
• Number of channels: One (max.)
• Exclusively for NAND-type flash memory
• Operating modes: Command-access mode, sector-access mode
• Data transfer FIFOs
⎯ On-chip 224-byte FIFO for transfer of data to and from flash memory
⎯ On-chip 32-byte FIFO for transfer of control codes
⎯ Flag bit to indicate overruns and underruns during access from the
CPU or DMA
General purpose
I/O (GPIO)
• General purpose I/O port pins: 111
• Some GPIO pins are configurable as interrupts
User break
controller (UBC)
• Supports user-break interrupts as a facility for debugging
• Two break channels
• Addresses, data values, types of access, and widths of data are all
specifiable as break conditions
• Supports a sequential break function
User debug
interface (H-UDI)
• JTAG interface (TCK, TMS, TRST, TDI, TDO)
• Supports the E10A emulator
• Realtime branch tracing
Package
• 436-pin flip-chip BGA (body: 19 x 19 mm, ball pitch: 0.8-mm)
Power supply
voltage
• Internal (VDD), PLL1 (VDD-PLL1, VDDA-PLL1), PLL2 (VDD-PLL2):
1.1 V
• DDR2 I/O (VDD-DDR): 1.8 V
• I/O (VDDQ), PLL1 (VDDQ-PLL1), PLL2 (VDDQ-PLL2): 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com