Electronic Components Datasheet Search
  English  ▼

X  

SH7785 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # SH7785
Description  32-Bit RISC Microcomputer
PDF  1692 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7785 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button SH7785 Datasheet HTML 78Page - Renesas Technology Corp SH7785 Datasheet HTML 79Page - Renesas Technology Corp SH7785 Datasheet HTML 80Page - Renesas Technology Corp SH7785 Datasheet HTML 81Page - Renesas Technology Corp SH7785 Datasheet HTML 82Page - Renesas Technology Corp SH7785 Datasheet HTML 83Page - Renesas Technology Corp SH7785 Datasheet HTML 84Page - Renesas Technology Corp SH7785 Datasheet HTML 85Page - Renesas Technology Corp SH7785 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 1692 page
background image
3. Instruction Set
Rev.1.00 Jan. 10, 2008 Page 52 of 1658
REJ09B0261-0100
3.3
Instruction Set
Table 3.3 shows the notation used in the SH instruction lists shown in tables 3.4 to 3.13.
Table 3.3
Notation Used in Instruction List
Item
Format
Description
Instruction
mnemonic
OP.Sz SRC, DEST
OP:
Operation code
Sz:
Size
SRC:
Source operand
DEST:
Source and/or destination operand
Rm:
Source register
Rn:
Destination register
imm:
Immediate data
disp:
Displacement
Operation
notation
→, ←
Transfer direction
(xx)
Memory operand
M/Q/T
SR flag bits
&
Logical AND of individual bits
|
Logical OR of individual bits
∧
Logical exclusive-OR of individual bits
~
Logical NOT of individual bits
<<n, >>n n-bit shift
Instruction code
MSB
↔ LSB
mmmm: Register number (Rm, FRm)
nnnn:
Register number (Rn, FRn)
0000:
R0, FR0
0001:
R1, FR1
:
1111:
R15, FR15
mmm:
Register number (DRm, XDm, Rm_BANK)
nnn:
Register number (DRn, XDn, Rn_BANK)
000:
DR0, XD0, R0_BANK
001:
DR2, XD2, R1_BANK
:
111:
DR14, XD14, R7_BANK
mm:
Register number (FVm)
nn:
Register number (FVn)
00:
FV0
01:
FV4
10:
FV8
11:
FV12
iiii:
Immediate data
dddd:
Displacement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com