Electronic Components Datasheet Search
  English  ▼

X  

SH7785 Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # SH7785
Description  32-Bit RISC Microcomputer
PDF  1692 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7785 Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button SH7785 Datasheet HTML 48Page - Renesas Technology Corp SH7785 Datasheet HTML 49Page - Renesas Technology Corp SH7785 Datasheet HTML 50Page - Renesas Technology Corp SH7785 Datasheet HTML 51Page - Renesas Technology Corp SH7785 Datasheet HTML 52Page - Renesas Technology Corp SH7785 Datasheet HTML 53Page - Renesas Technology Corp SH7785 Datasheet HTML 54Page - Renesas Technology Corp SH7785 Datasheet HTML 55Page - Renesas Technology Corp SH7785 Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 1692 page
background image
1. Overview
Rev.1.00 Jan. 10, 2008 Page 22 of 1658
REJ09B0261-0100
1.4
Pin Arrangement
Package: 436-pin FC-BGA, 19 mm x 19 mm, ball pitch: 0.8 mm
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
AA
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
AA
AB
AB
123456789
10
11
12
13
14
15
16
17
18
19
20
21
22
123456789
10
11
12
13
14
15
16
17
18
19
20
21
22
VSS
MCK1
VSS
MVREF
MA10
MA14
MDQ22
MDQ16
MDQ28
MDQ26
MDM3
VSS
PRESET
SCIF0_SCK
/HSPI_CLK
/
FRE
SCIF1_
SCK
SCIF1_
TXD
SIOF_TXD/
HAC0_SDO
UT/SSI0_
SDATA
SIOF_MCLK
/
HAC_RES
SCIF5_SCK
/HAC1_SD
OUT/SSI1_
SDATA
SCIF5_TXD
/HAC1_
SYNC/
SSI1_WS
A25
VSS
MCK0
VDD-
DDR
MCK1
VDD-
DDR
MCS
VSS
MDQ17
VDD-
DDR
MDQ23
VSS
MDQ31
VSS
VSS
SCIF0_TXD
/HSPI_TX/
FWE
VDDQ
SCIF1_
RXD
VSS
SIOF_SYNC
/HAC0_
SYNC/SSI0_
WS
VDDQ
SCIF5_RXD
/HAC1_
SDIN/SSI1_
SCK
VDDQ
A24
VSS
MCK0
MBKPRST
MBA1
MCAS
MA6
MDQ21
MDQ18
MDQS
2
MDQ25
MDQS
3
MODE0
/
IRL4
/FD4
MODE1
/
IRL5
/FD5
SCIF0_RXD
/HSPI_RX/
FRB
MODE5/
SIOF_MCLK
MODE6/SI
OF_SYNC
SIOF_SCK
/HAC0_BIT
CLK/SSI0_
CLK
HAC1_BI
TCLK/
SSI1_CLK
MODE11
/SCIF4_S
CK/FD3
A23
A22
A21
MCKE
VDD-
DDR
MODT
VSS
MRAS
VDD-
DDR
MA8
VSS
MDQS2
VDD-
DDR
MDQS3
VDDQ
MODE2
/
IRL6
/FD6
SCIF0_CTS
/
INTD/
FCE
VSS
SIOF_RXD
/HAC0_
SDIN/SSI0_
SCK
VDDQ
MODE9/
SCIF4_
TXD/FD1
VSS
A20
VDDQ
A19
MBA0
MA1
MBA2
MA2
MWE
MA0
MA4
MDQ19
MDM2
MDQ27
MDQ29
VDD-
DDR
MODE3
/
IRL7
/FD7
SCIF0_RTS
/
HSPI_CS
/
FSE
MODE8/
SCIF3_
SCK/FD0
MODE10/
SCIF4_RXD
/FD2
CS6
CS5
A18
A17
A16
A15
MA9
VSS
MA11
VDD-
DDR
MA5
VSS
MA12
VDD-
DDR
MDQ20
VSS
MDQ30
MDQ24
VSS
MODE7/
SCIF3_
RXD/FALE
MODE4/
SCIF3_
TXD/FCLE
VDDQ
VSS
A14
VDDQ
A13
VSS
A12
MDQ1
MDQ2
MDQ4
MA13
MA3
MA7
VSS
VDD
VSS
VDD
VSS
VDD
VSS
VDD
VSS
VDD
CS4
A11
A10
A9
A8
A7
MDQ7
VDD-
DDR
MDQ0
VSS
MDQ3
VDD-
DDR
VDD
VSS
VDDQ
A6
VSS
A5
VDDQ
A4
MDQ13
MDQ6
MDQS
0
MDQS0
MDM0
MDQ5
VSS
VDD
R/
W
CS3
A3
A2
A1
A0
MDQ12
VSS
MDQ10
VDD-
DDR
MDQ11
VSS
VDD
VSS
VSS
VSS
VSS
VSS
VSS
CS2
VDDQ
D1
VSS
D0
MDM1
MDQ14
MDQS
1
MDQS1
MDQ15
MDQ8
VSS
VSS
VSS
VSS
VSS
VDD
RD/F
RAME
CS1
CS0
D4
D3
D2
AUDSYNC
AUDAT
A2
AUDAT
A0
AUDAT
A1
VDD-
DDR
MDQ9
VDD
VSS
VSS
VSS
VSS
VSS
D12
D8
WE0/
REG
D7
D6
D5
AUDC
K
VSS
AUDAT
A3
VDDQ
TDO
VSS
VSS
VSS
VSS
VSS
VSS
VDD
VSS
D11
VDDQ
D10
VSS
D9
TCK
TDI
ASEBRK
/BRKACK
THDAG
THDAS
THDCD
VDD
VSS
MODE13
/TCLK/
IOIS16
D16
WE1
D15
D14
D13
VSSQ-
TD
VDDQ
TRST
VSS
TMS
VDDQ
VSS
VDD
VDDQ
BS
VSS
D18
VDDQ
D17
THDCTL
VDDQ-
TD
DACK0
DREQ1
DACK1
DRAK2
/
CE2A
VDD
VSS
VDD
VSS
VDD
VSS
VDD
VSS
VDD
VSS
RDY
BACK/
BSREQ
D22
D21
D20
D19
STATU
S1/DRA
K1
VSS
DREQ0
VDDQ
DREQ2
/
INTB
VSS
IRL3
VDDQ
IRL0
VSS
WE5/
CBE1
DEVSEL/
DCLKOUT
VSS
D52/A
D20
VDDQ
REQ0/
REQOUT
VSS
BREQ/
BSACK
VDDQ
WE2/
IORD
VSS
D23
XTAL
STATUS0/
DRAK0
MPMD
SCIF2_RXD
/SIOF_RXD
DACK2/
SCIF2_TXD/
MMCCMD/
SIOF_TXD
MRESETO
UT/
IRQOUT
IRL1
D35/AD3/
DR3
WE4/
CBE0
D42/AD
10/DG4
D47/AD
15/DB3
STOP
/CDE
PCIFRA
ME/VS
YNC
D51/A
D19
D55/A
D23
D58/A
D26
REQ1
REQ2
D27
D26
D25
D24
EXTAL
VDDQ
NMI
VSS
DACK3/
SCIF2_SCK/
MMCDAT/
SIOF_SCK
VDDQ
IRL2
VSS
D39/AD
7/DG1
VDDQ
D46/AD
14/DB2
LOCK
/ODDF
VDDQ
D50/A
D18
VSS
D57/A
D25
VDDQ
D63/A
D31
VSS
D29
VDDQ
D28
MODE14
VDDQ
-PLL1
VDDA-
PLL1
VDDQ
-PLL2
DREQ3
/
INTC
CLKOU
TENB
MODE12/
DRAK3/
CE2B
D34/AD
2/DR2
D38/AD
6/DG0
D41/AD
9/DG3
D45/AD
13/DB1
PERR
IRDY/
HSYNC
D49/AD
17/DB5
D54/A
D22
D56/A
D24
D60/A
D28
D62/A
D30
GNT0/
GNTIN
GNT2
D31
D30
VSSQ-
PLL1
VDDQ
VDD-
PLL1
VDDQ
VDD-
PLL2
VSS
INTA
VDDQ
D37/AD
5/DR5
VSS
D44/AD
12/DB0
SERR
VSS
D48/AD
16/DB4
VDDQ
WE7/
CBE3
VSS
D61/A
D29
VDDQ
GNT1
VDDQ
WE3/I
OWR
VSS
VSSA-
PLL1
VSS-
PLL1
VSSQ-
PLL2
VSS-
PLL2
CLKO
UT
D32/AD
0/DR0
D33/AD
1/DR1
D36/AD
4/DR4
D40/AD
8/DG2
D43/AD
11/DG5
PAR
TRDY
/DISP
WE6/
CBE2
D53/A
D21
IDSEL
D59/A
D27
PCICLK
/DCLKIN
REQ3
PCIRES
ET
GNT3/
MMCCLK
VSS
PKG TOP VIEW
Figure 1.2 SH7785 Pin Arrangement (Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com