Electronic Components Datasheet Search
  English  ▼

X  

SH7785 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # SH7785
Description  32-Bit RISC Microcomputer
PDF  1692 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7785 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button SH7785 Datasheet HTML 27Page - Renesas Technology Corp SH7785 Datasheet HTML 28Page - Renesas Technology Corp SH7785 Datasheet HTML 29Page - Renesas Technology Corp SH7785 Datasheet HTML 30Page - Renesas Technology Corp SH7785 Datasheet HTML 31Page - Renesas Technology Corp SH7785 Datasheet HTML 32Page - Renesas Technology Corp SH7785 Datasheet HTML 33Page - Renesas Technology Corp SH7785 Datasheet HTML 34Page - Renesas Technology Corp SH7785 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 1692 page
background image
1. Overview
Rev.1.00 Jan. 10, 2008 Page 1 of 1658
REJ09B0261-0100
Section 1 Overview
The SH7785 incorporates a DDR2-SDRAM interface, a PCI controller, a DMA controller, timers,
serial interfaces, audio interfaces, a graphics data translation accelerator (GDTA) that supports
YUV data conversion and motion compensation processing, and a display unit (DU) that supports
digital RGB display. The DDR2 interface, PCI interface, and the local bus are independent,
providing dedicated external bus interfaces for the transfer of large amounts of data and of
streaming data.
The SH7785 contains an SH-4A (PVR.VER = H'30: Extended version), which is a 32-bit RISC
(reduced instruction set computer) multiprocessor including an FPU as well as a CPU, providing
upward compatibility (instruction set level) with the SH-1, SH-2, SH-3, and SH-4
microcomputers. The CPU and FPU run at 600 MHz. The processor also includes an instruction
cache, an operand cache for which copy-back or write-through mode is selectable, a four-entry
fully associative instruction TLB (translation look-aside buffer), and an MMU (memory
management unit) with a 64-entry fully associative unified TLB.
1.1
Features of the SH7785
The features of the SH7785 are listed in table 1.1
Table 1.1
SH7785 Features
Item
Features
LSI
• CPU Operating frequency: 600 MHz
• Voltage: 1.1 V (internal), 1.8 V (DDR2-SDRAM), 3.3 V (I/O)
• Package: 436-pin BGA (size: 19 × 19 mm, pin pitch: 0.8 mm)
• External bus (local bus)
⎯ Separate 26-bit address and 64-bit data buses (the PCI bus is not
available when the 64-bit data bus is in use)
⎯ External bus frequency: up to 100 MHz
• External bus (DDR2-SDRAM bus interface)
⎯ Separate 15-bit address and 32-bit data buses
⎯ External bus frequency: up to 300 MHz (600 Mbps)
• External bus (PCI bus):
⎯ 32-bit address/data multiplexed bus
⎯ External bus frequency: 33 MHz or 66 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com