Electronic Components Datasheet Search
  English  ▼

X  

SH7785 Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # SH7785
Description  32-Bit RISC Microcomputer
PDF  1692 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7785 Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button SH7785 Datasheet HTML 66Page - Renesas Technology Corp SH7785 Datasheet HTML 67Page - Renesas Technology Corp SH7785 Datasheet HTML 68Page - Renesas Technology Corp SH7785 Datasheet HTML 69Page - Renesas Technology Corp SH7785 Datasheet HTML 70Page - Renesas Technology Corp SH7785 Datasheet HTML 71Page - Renesas Technology Corp SH7785 Datasheet HTML 72Page - Renesas Technology Corp SH7785 Datasheet HTML 73Page - Renesas Technology Corp SH7785 Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 1692 page
background image
2. Programming Model
Rev.1.00 Jan. 10, 2008 Page 40 of 1658
REJ09B0261-0100
2.4
Data Formats in Registers
Register operands are always longwords (32 bits). When a memory operand is only a byte (8 bits)
or a word (16 bits), it is sign-extended into a longword when loaded into a register.
31
SS
S
0
6
7
6
7
0
31
SS
S
0
14
15
14
15
0
Figure 2.6 Formats of Byte Data and Word Data in Register
2.5
Data Formats in Memory
Memory data formats are classified into bytes, words, and longwords. Memory can be accessed in
an 8-bit byte, 16-bit word, or 32-bit longword form. A memory operand less than 32 bits in length
is sign-extended before being loaded into a register.
A word operand must be accessed starting from a word boundary (even address of a 2-byte unit:
address 2n), and a longword operand starting from a longword boundary (even address of a 4-byte
unit: address 4n). An address error will result if this rule is not observed. A byte operand can be
accessed from any address.
Big endian or little endian byte order can be selected for the data format. The endian should be set
with the external pin after a power-on reset. The endian cannot be changed dynamically. Bit
positions are numbered left to right from most-significant to least-significant. Thus, in a 32-bit
longword, the leftmost bit, bit 31, is the most significant bit and the rightmost bit, bit 0, is the least
significant bit.
The data format in memory is shown in figure 2.7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com