Electronic Components Datasheet Search
  English  ▼

X  

SH7785 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # SH7785
Description  32-Bit RISC Microcomputer
PDF  1692 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7785 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button SH7785 Datasheet HTML 16Page - Renesas Technology Corp SH7785 Datasheet HTML 17Page - Renesas Technology Corp SH7785 Datasheet HTML 18Page - Renesas Technology Corp SH7785 Datasheet HTML 19Page - Renesas Technology Corp SH7785 Datasheet HTML 20Page - Renesas Technology Corp SH7785 Datasheet HTML 21Page - Renesas Technology Corp SH7785 Datasheet HTML 22Page - Renesas Technology Corp SH7785 Datasheet HTML 23Page - Renesas Technology Corp SH7785 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 1692 page
background image
Rev.1.00 Jan. 10, 2008 Page xx of xxx
REJ09B0261-0100
19.3.26 Color Palette 4 Transparent Color Register (CP4TR) ........................................ 887
19.3.27 Display Off Mode Output Register (DOOR)...................................................... 890
19.3.28 Color Detection Register (CDER) ...................................................................... 891
19.3.29 Background Plane Output Register (BPOR)....................................................... 892
19.3.30 Raster Interrupt Offset Register (RINTOFSR) ................................................... 894
19.3.31 Plane n Mode Register (PnMR) (n
= 1 to 6)....................................................... 895
19.3.32 Plane n Memory Width Register (PnMWR) (n
= 1 to 6).................................... 898
19.3.33 Plane n Blending Ratio Register (PnALPHAR) (n
= 1 to 6) .............................. 899
19.3.34 Plane n Display Size X Register (PnDSXR) (n
= 1 to 6).................................... 901
19.3.35 Plane n Display Size Y Register (PnDSYR) (n
= 1 to 6).................................... 902
19.3.36 Plane n Display Position X Register (PnDPXR) (n
= 1 to 6).............................. 903
19.3.37 Plane n Display Position Y Register (PnDPYR) (n
= 1 to 6).............................. 904
19.3.38 Plane n Display Area Start Address 0 Register (PnDSA0R) (n
= 1 to 6) ........... 905
19.3.39 Plane n Display Area Start Address 1 Register (PnDSA1R) (n
= 1 to 6) ........... 906
19.3.40 Plane n Start Position X Register (PnSPXR) (n
= 1 to 6) ................................... 907
19.3.41 Plane n Start Position Y Register (PnSPYR) (n
= 1 to 6) ................................... 908
19.3.42 Plane n Wrap Around Start Position Register (PnWASPR) (n
= 1 to 6) ............ 909
19.3.43 Plane n Wrap Around Memory Width Register (PnWAMWR) (n
= 1 to 6) ...... 910
19.3.44 Plane n Blinking Time Register (PnBTR) (n
= 1 to 6) ....................................... 911
19.3.45 Plane n Transparent Color 1 Register (PnTC1R) (n
= 1 to 6)............................. 912
19.3.46 Plane n Transparent Color 2 Register (PnTC2R) (n
= 1 to 6)............................. 913
19.3.47 Plane n Memory Length Register (PnMLR) (n
= 1 to 6).................................... 914
19.3.48 Color Palette 1 Register 000 to 255 (CP1_000R to CP1_255R) ........................ 915
19.3.49 Color Palette 2 Register 000 to 255 (CP2_000R to CP2_255R) ........................ 916
19.3.50 Color Palette 3 Register 000 to 255 (CP3_000R to CP3_255R) ........................ 918
19.3.51 Color Palette 4 Register 000 to 255 (CP4_000R to CP4_255R) ........................ 919
19.3.52 External Synchronization Control Register (ESCR)........................................... 921
19.3.53 Output Signal Timing Adjustment Register (OTAR) ......................................... 923
19.4
Operation ........................................................................................................................... 930
19.4.1
Configuration of Output Screen.......................................................................... 930
19.4.2
Display On/Off ................................................................................................... 933
19.4.3
Plane Parameter .................................................................................................. 934
19.4.4
Memory Allocation............................................................................................. 936
19.4.5
Input Display Data Format ................................................................................. 937
19.4.6
Output Data Format ............................................................................................ 940
19.4.7
Endian Conversion.............................................................................................. 940
19.4.8
Color Palettes...................................................................................................... 942
19.4.9
Superpositioning of Planes ................................................................................. 943
19.4.10 Display Contention ............................................................................................. 947
19.4.11 Blinking .............................................................................................................. 949



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com