Electronic Components Datasheet Search
  English  ▼

X  

SH7785 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # SH7785
Description  32-Bit RISC Microcomputer
PDF  1692 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7785 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button SH7785 Datasheet HTML 15Page - Renesas Technology Corp SH7785 Datasheet HTML 16Page - Renesas Technology Corp SH7785 Datasheet HTML 17Page - Renesas Technology Corp SH7785 Datasheet HTML 18Page - Renesas Technology Corp SH7785 Datasheet HTML 19Page - Renesas Technology Corp SH7785 Datasheet HTML 20Page - Renesas Technology Corp SH7785 Datasheet HTML 21Page - Renesas Technology Corp SH7785 Datasheet HTML 22Page - Renesas Technology Corp SH7785 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 1692 page
background image
Rev.1.00 Jan. 10, 2008 Page xix of xxx
REJ09B0261-0100
18.3.4
Timer Control Registers (TCRn) (n = 0 to 5) ..................................................... 807
18.3.5
Input Capture Register 2 (TCPR2) ..................................................................... 809
18.4
Operation ........................................................................................................................... 810
18.4.1
Counter Operation .............................................................................................. 810
18.4.2
Input Capture Function ....................................................................................... 813
18.5
Interrupts............................................................................................................................ 814
18.6
Usage Notes ....................................................................................................................... 815
18.6.1
Register Writes ................................................................................................... 815
18.6.2
Reading from TCNT........................................................................................... 815
18.6.3
External Clock Frequency .................................................................................. 815
Section 19 Display Unit (DU) .......................................................................................... 817
19.1
Features.............................................................................................................................. 817
19.2
Input/Output Pins ...............................................................................................................820
19.3
Register Descriptions ......................................................................................................... 821
19.3.1
Display Unit System Control Register................................................................ 841
19.3.2
Display Mode Register (DSMR) ........................................................................ 845
19.3.3
Display Status Register (DSSR) ......................................................................... 849
19.3.4
Display Unit Status Register Clear Register (DSRCR) ...................................... 853
19.3.5
Display Unit Interrupt Enable Register (DIER).................................................. 854
19.3.6
Color Palette Control Register (CPCR) .............................................................. 857
19.3.7
Display Plane Priority Register (DPPR) ............................................................. 859
19.3.8
Display Unit Extensional Function Enable Register (DEFR) ............................. 862
19.3.9
Horizontal Display Start Register (HDSR) ......................................................... 864
19.3.10 Horizontal Display End Register (HDER).......................................................... 865
19.3.11 Vertical Display Start Register (VDSR) ............................................................. 866
19.3.12 Vertical Display End Register (VDER) .............................................................. 867
19.3.13 Horizontal Cycle Register (HCR) ....................................................................... 868
19.3.14 Horizontal Sync Width Register (HSWR) .......................................................... 869
19.3.15 Vertical Cycle Register (VCR) ........................................................................... 870
19.3.16 Vertical Sync Point Register (VSPR) ................................................................. 871
19.3.17 Equal Pulse Width Register (EQWR)................................................................. 872
19.3.18 Separation Width Register (SPWR).................................................................... 873
19.3.19 CLAMP Signal Start Register (CLAMPSR) ...................................................... 874
19.3.20 CLAMP Signal Width Register (CLAMPWR)................................................... 875
19.3.21 DE Signal Start Register (DESR) ....................................................................... 876
19.3.22 DE Signal Width Register (DEWR) ................................................................... 877
19.3.23 Color Palette 1 Transparent Color Register (CP1TR)......................................... 878
19.3.24 Color Palette 2 Transparent Color Register (CP2TR)......................................... 881
19.3.25 Color Palette 3 Transparent Color Register (CP3TR)......................................... 884



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com