Electronic Components Datasheet Search
  English  ▼

X  

SH7785 Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # SH7785
Description  32-Bit RISC Microcomputer
PDF  1692 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7785 Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button SH7785 Datasheet HTML 75Page - Renesas Technology Corp SH7785 Datasheet HTML 76Page - Renesas Technology Corp SH7785 Datasheet HTML 77Page - Renesas Technology Corp SH7785 Datasheet HTML 78Page - Renesas Technology Corp SH7785 Datasheet HTML 79Page - Renesas Technology Corp SH7785 Datasheet HTML 80Page - Renesas Technology Corp SH7785 Datasheet HTML 81Page - Renesas Technology Corp SH7785 Datasheet HTML 82Page - Renesas Technology Corp SH7785 Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 1692 page
background image
3. Instruction Set
Rev.1.00 Jan. 10, 2008 Page 49 of 1658
REJ09B0261-0100
Addressing
Mode
Instruction
Format
Effective Address Calculation Method
Calculation
Formula
GBR indirect
with displace-
ment
@(disp:8,
GBR)
Effective address is register GBR contents with
8-bit displacement disp added. After disp is
zero-extended, it is multiplied by 1 (byte), 2 (word),
or 4 (longword), according to the operand size.
GBR
1/2/4
GBR
+ disp
× 1/2/4
+
×
disp
(zero-extended)
Byte: GBR +
disp
→ EA
Word: GBR +
disp
× 2 → EA
Longword:
GBR + disp
×
4
→ EA
Indexed GBR
indirect
@(R0, GBR)
Effective address is sum of register GBR and R0
contents.
GBR
R0
GBR + R0
+
GBR + R0
→
EA
PC-relative
with
displacement
@(disp:8, PC)
Effective address is PC + 4 with 8-bit displacement
disp added. After disp is zero-extended, it is
multiplied by 2 (word), or 4 (longword), according
to the operand size. With a longword operand,
the lower 2 bits of PC are masked.
PC
H'FFFF FFFC
PC + 4 + disp
× 2
or PC &
H'FFFF FFFC
+ 4 + disp
× 4
+
4
2/4
×
+
& *
disp
(zero-extended)
* With longword operand
Word: PC + 4
+ disp
× 2 →
EA
Longword:
PC & H'FFFF
FFFC + 4 +
disp
× 4 → EA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com