Electronic Components Datasheet Search
  English  ▼

X  

SH7785 Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # SH7785
Description  32-Bit RISC Microcomputer
PDF  1692 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7785 Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button SH7785 Datasheet HTML 67Page - Renesas Technology Corp SH7785 Datasheet HTML 68Page - Renesas Technology Corp SH7785 Datasheet HTML 69Page - Renesas Technology Corp SH7785 Datasheet HTML 70Page - Renesas Technology Corp SH7785 Datasheet HTML 71Page - Renesas Technology Corp SH7785 Datasheet HTML 72Page - Renesas Technology Corp SH7785 Datasheet HTML 73Page - Renesas Technology Corp SH7785 Datasheet HTML 74Page - Renesas Technology Corp SH7785 Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 1692 page
background image
2. Programming Model
Rev.1.00 Jan. 10, 2008 Page 41 of 1658
REJ09B0261-0100
Address A
A
70 7
0 70 7
0
31
15
0 15
0
31
0
15
0
31
0
23
15
7
0
A + 1
A + 2
A + 3
Byte 0
Word 0
Longword
Word 1
Byte 1 Byte 2 Byte 3
A + 11
70 7
0 70 7
0
31
15
0
23
15
7
0
A + 10 A + 9
A + 8
Byte 3
Word 1
Longword
Word 0
Byte 2 Byte 1 Byte 0
Address A + 4
Address A + 8
Address A + 8
Address A + 4
Address A
Big endian
Little endian
Figure 2.7 Data Formats in Memory
For the 64-bit data format, see figure 2.5.
2.6
Processing States
This LSI has major three processing states: the reset state, instruction execution state, and power-
down state.
(1)
Reset State
In this state the CPU is reset. The reset state is divided into the power-on reset state and the
manual reset.
In the power-on reset state, the internal state of the CPU and the on-chip peripheral module
registers are initialized. In the manual reset state, the internal state of the CPU and some registers
of on-chip peripheral modules are initialized. For details, see register descriptions for each section.
(2)
Instruction Execution State
In this state, the CPU executes program instructions in sequence. The Instruction execution state
has the normal program execution state and the exception handling state.
(3)
Power-Down State
In a power-down state, CPU halts operation and power consumption is reduced. The power-down
state is entered by executing a SLEEP instruction. There are two modes in the power-down state:
sleep mode and standby mode. For details, see section 17, Power-Down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com