Electronic Components Datasheet Search
  English  ▼

X  

SH7785 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # SH7785
Description  32-Bit RISC Microcomputer
PDF  1692 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7785 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button SH7785 Datasheet HTML 42Page - Renesas Technology Corp SH7785 Datasheet HTML 43Page - Renesas Technology Corp SH7785 Datasheet HTML 44Page - Renesas Technology Corp SH7785 Datasheet HTML 45Page - Renesas Technology Corp SH7785 Datasheet HTML 46Page - Renesas Technology Corp SH7785 Datasheet HTML 47Page - Renesas Technology Corp SH7785 Datasheet HTML 48Page - Renesas Technology Corp SH7785 Datasheet HTML 49Page - Renesas Technology Corp SH7785 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 1692 page
background image
1. Overview
Rev.1.00 Jan. 10, 2008 Page 16 of 1658
REJ09B0261-0100
No. Pin Name
I/O
Function
No. Pin Name
I/O
Function
119 A12
O
Local bus address 12
140
RD/FRAME
O/O
Read strobe/MPX IF
FRAME
120 A13
O
Local bus address 13
141 R/
W
O
Read/Write
121 A14
O
Local bus address 14
142
BS
O
Bus start
122 A15
O
Local bus address 15
143
WE0/REG
O/O
Write enable 0/PCMCIA IF
REG
123 A16
O
Local bus address 16
144
WE1
O
Write enable 1
124 A17
O
Local bus address 17
145
WE2/IORD
O/O
Write enable 2/PCMCIA IF
IORD
125 A18
O
Local bus address 18
146
WE3/IOWR
O/O
Write enable 3/PCMCIA IF
IOWR
126 A19
O
Local bus address 19
147
RDY
I
Bus ready
127 A20
O
Local bus address 20
148 CLKOUT
O
Clock out
128 A21
O
Local bus address 21
149 CLKOUTENB
O
Clock out enable
129 A22
O
Local bus address 22
150 D32/AD0/DR0
IO/IO/O Local bus data 32/PCI
address data 0/Digital red 0
130 A23
O
Local bus address 23
151 D33/AD1/DR1
IO/IO/O Local bus data 33/PCI
address data 1/Digital red 1
131 A24
O
Local bus address 24
152 D34/AD2/DR2
IO/IO/O Local bus data 34/PCI
address data 2/Digital red 2
132 A25
O
Local bus address 25
153 D35/AD3/DR3
IO/IO/O Local bus data 35/PCI
address data 3/Digital red 3
133
CS0
O
Chip select 0
154 D36/AD4/DR4
IO/IO/O Local bus data 36/PCI
address data 4/Digital red 4
134
CS1
O
Chip select 1
155 D37/AD5/DR5
IO/IO/O Local bus data 37/PCI
address data 5/Digital red 5
135
CS2
O
Chip select 2
156 D38/AD6/DG0
IO/IO/O Local bus data 38/PCI
address data 6/Digital green
0
136
CS3
O
Chip select 3
151 D33/AD1/DR1
IO/IO/O Local bus data 33/PCI
address data 1/Digital red 1
137
CS4
O
Chip select 4
152 D34/AD2/DR2
IO/IO/O Local bus data 34/PCI
address data 2/Digital red 2
138
CS5
O
Chip select 5
153 D35/AD3/DR3
IO/IO/O Local bus data 35/PCI
address data 3/Digital red 3
139
CS6
O
Chip select 6
154 D36/AD4/DR4
IO/IO/O Local bus data 36/PCI
address data 4/Digital red 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com