Electronic Components Datasheet Search
  English  ▼

X  

SH7785 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # SH7785
Description  32-Bit RISC Microcomputer
PDF  1692 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7785 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button SH7785 Datasheet HTML 55Page - Renesas Technology Corp SH7785 Datasheet HTML 56Page - Renesas Technology Corp SH7785 Datasheet HTML 57Page - Renesas Technology Corp SH7785 Datasheet HTML 58Page - Renesas Technology Corp SH7785 Datasheet HTML 59Page - Renesas Technology Corp SH7785 Datasheet HTML 60Page - Renesas Technology Corp SH7785 Datasheet HTML 61Page - Renesas Technology Corp SH7785 Datasheet HTML 62Page - Renesas Technology Corp SH7785 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 1692 page
background image
2. Programming Model
Rev.1.00 Jan. 10, 2008 Page 29 of 1658
REJ09B0261-0100
31
0
R0_BANK0*1,*2
R1_BANK0*2
R2_BANK0*2
R3_BANK0*2
R4_BANK0*2
R5_BANK0*2
R6_BANK0*2
R7_BANK0*2
R8
R9
R10
R11
R12
R13
R14
R15
SR
GBR
MACH
MACL
PR
PC
(a) Register configuration
in user mode
31
0
R0_BANK1*1,*3
R1_BANK1*3
R2_BANK1*3
R3_BANK1*3
R4_BANK1*3
R5_BANK1*3
R6_BANK1*3
R7_BANK1*3
R8
R9
R10
R11
R12
R13
R14
R15
R0_BANK0*1,*4
R1_BANK0*4
R2_BANK0*4
R3_BANK0*4
R4_BANK0*4
R5_BANK0*4
R6_BANK0*4
R7_BANK0*4
(b) Register configuration in
privileged mode (RB = 1)
GBR
MACH
MACL
VBR
PR
SR
SSR
PC
SPC
31
0
R0_BANK1*1,*3
R1_BANK1*3
R2_BANK1*3
R3_BANK1*3
R4_BANK1*3
R5_BANK1*3
R6_BANK1*3
R7_BANK1*3
R8
R9
R10
R11
R12
R13
R14
R15
R0_BANK0*1,*4
R1_BANK0*4
R2_BANK0*4
R3_BANK0*4
R4_BANK0*4
R5_BANK0*4
R6_BANK0*4
R7_BANK0*4
(c) Register configuration in
privileged mode (RB = 0)
GBR
MACH
MACL
VBR
PR
SR
SSR
PC
SPC
SGR
DBR
SGR
DBR
R0 is used as the index register in indexed register-indirect addressing mode and
indexed GBR indirect addressing mode.
Banked registers
Banked registers
Accessed as general registers when the RB bit is set to 1 in SR. Accessed only by
LDC/STC instructions when the RB bit is cleared to 0.
Banked registers
Accessed as general registers when the RB bit is cleared to 0 in SR. Accessed only
by LDC/STC instructions when the RB bit is set to 1.
Notes: 1.
2.
3.
4.
Figure 2.2 CPU Register Configuration in Each Processing Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com