Electronic Components Datasheet Search
  English  ▼

X  

SH7785 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # SH7785
Description  32-Bit RISC Microcomputer
PDF  1692 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7785 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button SH7785 Datasheet HTML 41Page - Renesas Technology Corp SH7785 Datasheet HTML 42Page - Renesas Technology Corp SH7785 Datasheet HTML 43Page - Renesas Technology Corp SH7785 Datasheet HTML 44Page - Renesas Technology Corp SH7785 Datasheet HTML 45Page - Renesas Technology Corp SH7785 Datasheet HTML 46Page - Renesas Technology Corp SH7785 Datasheet HTML 47Page - Renesas Technology Corp SH7785 Datasheet HTML 48Page - Renesas Technology Corp SH7785 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 1692 page
background image
1. Overview
Rev.1.00 Jan. 10, 2008 Page 15 of 1658
REJ09B0261-0100
No. Pin Name
I/O
Function
No. Pin Name
I/O
Function
55
MA10
O
DDR address 10
87
D12
IO
Local bus data 12
56
MA11
O
DDR address 11
88
D13
IO
Local bus data 13
57
MA12
O
DDR address 12
89
D14
IO
Local bus data 14
58
MA13
O
DDR address 13
90
D15
IO
Local bus data 15
59
MA14
O
DDR address 14
91
D16
IO
Local bus data 16
60
MBA0
O
DDR bank address 0
92
D17
IO
Local bus data 17
61
MBA1
O
DDR bank address 1
93
D18
IO
Local bus data 18
62
MBA2
O
DDR bank address 2
94
D19
IO
Local bus data 19
63
MCK0
O
DDR clock 0
95
D20
IO
Local bus data 20
64
MCK0
O
DDR clock 0 (antiphase)
96
D21
IO
Local bus data 21
65
MCK1
O
DDR clock 1
97
D22
IO
Local bus data 22
66
MCK1
O
DDR clock 1 (antiphase)
98
D23
IO
Local bus data 23
67
MCS
O
DDR chip select
99
D24
IO
Local bus data 24
68
MRAS
O
DDR row address select
100 D25
IO
Local bus data 25
69
MCAS
O
DDR column address select
101 D26
IO
Local bus data 26
70
MWE
O
DDR write enable
102 D27
IO
Local bus data 27
71
MODT
O
DDR on chip terminator
103 D28
IO
Local bus data 28
72
MCKE
O
DDR clock enable
104 D29
IO
Local bus data 29
73
MVREF
I
DDR reference voltage
105 D30
IO
Local bus data 30
74
MBKPRST
I
DDR backup reset
106 D31
IO
Local bus data 31
75
D0
IO
Local bus data 0
107 A0
O
Local bus address 0
76
D1
IO
Local bus data 1
108 A1
O
Local bus address 1
77
D2
IO
Local bus data 2
109 A2
O
Local bus address 2
78
D3
IO
Local bus data 3
110 A3
O
Local bus address 3
79
D4
IO
Local bus data 4
111 A4
O
Local bus address 4
80
D5
IO
Local bus data 5
112 A5
O
Local bus address 5
81
D6
IO
Local bus data 6
113 A6
O
Local bus address 6
82
D7
IO
Local bus data 7
114 A7
O
Local bus address 7
83
D8
IO
Local bus data 8
115 A8
O
Local bus address 8
84
D9
IO
Local bus data 9
116 A9
O
Local bus address 9
85
D10
IO
Local bus data 10
117 A10
O
Local bus address 10
86
D11
IO
Local bus data 11
118 A11
O
Local bus address 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com