Electronic Components Datasheet Search
  English  ▼

X  

SH7785 Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # SH7785
Description  32-Bit RISC Microcomputer
PDF  1692 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7785 Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button SH7785 Datasheet HTML 73Page - Renesas Technology Corp SH7785 Datasheet HTML 74Page - Renesas Technology Corp SH7785 Datasheet HTML 75Page - Renesas Technology Corp SH7785 Datasheet HTML 76Page - Renesas Technology Corp SH7785 Datasheet HTML 77Page - Renesas Technology Corp SH7785 Datasheet HTML 78Page - Renesas Technology Corp SH7785 Datasheet HTML 79Page - Renesas Technology Corp SH7785 Datasheet HTML 80Page - Renesas Technology Corp SH7785 Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 1692 page
background image
3. Instruction Set
Rev.1.00 Jan. 10, 2008 Page 47 of 1658
REJ09B0261-0100
3.2
Addressing Modes
Addressing modes and effective address calculation methods are shown in table 3.2. When a
location in virtual memory space is accessed (AT in MMUCR = 1), the effective address is
translated into a physical memory address. If multiple virtual memory space systems are selected
(SV in MMUCR = 0), the least significant bit of PTEH is also referenced as the access ASID. For
details, see section 7, Memory Management Unit (MMU).
Table 3.2
Addressing Modes and Effective Addresses
Addressing
Mode
Instruction
Format
Effective Address Calculation Method
Calculation
Formula
Register
direct
Rn
Effective address is register Rn.
(Operand is register Rn contents.)
—
Register
indirect
@Rn
Effective address is register Rn contents.
Rn
Rn
Rn
→ EA
(EA: effective
address)
Register
indirect
with post-
increment
@Rn+
Effective address is register Rn contents.
A constant is added to Rn after instruction
execution: 1 for a byte operand, 2 for a word
operand, 4 for a longword operand, 8 for a
quadword operand.
Rn
Rn
1/2/4
+
Rn + 1/2/4
Rn
→ EA
After instruction
execution
Byte:
Rn + 1
→ Rn
Word:
Rn + 2
→ Rn
Longword:
Rn + 4
→ Rn
Quadword:
Rn + 8
→ Rn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com