Electronic Components Datasheet Search
  English  ▼

X  

4501 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # 4501
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 32Page - Renesas Technology Corp 4501 Datasheet HTML 33Page - Renesas Technology Corp 4501 Datasheet HTML 34Page - Renesas Technology Corp 4501 Datasheet HTML 35Page - Renesas Technology Corp 4501 Datasheet HTML 36Page - Renesas Technology Corp 4501 Datasheet HTML 37Page - Renesas Technology Corp 4501 Datasheet HTML 38Page - Renesas Technology Corp 4501 Datasheet HTML 39Page - Renesas Technology Corp 4501 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 212 page
background image
FUNCTION BLOCK OPERATIONS
1-24
Rev.2.01
Feb 07, 2005
4501 Group
HARDWARE
REJ09B0192-0201
(2) External interrupt control registers
• Interrupt control register I1
Register I1 controls the valid waveform for the external 0 inter-
rupt. Set the contents of this register through register A with the
TI1A instruction. The TAI1 instruction can be used to transfer the
contents of register I1 to register A.
Table 8 External interrupt control register
I13
I12
I11
I10
INT pin input control bit (Note 2)
Interrupt valid waveform for INT pin/
return level selection bit (Note 2)
INT pin edge detection circuit control bit
INT pin
timer 1 control enable bit
Interrupt control register I1
R/W
at RAM back-up : state retained
at reset : 00002
INT pin input disabled
INT pin input enabled
Falling waveform (“L” level of INT pin is recognized with the SNZI0
instruction)/“L” level
Rising waveform (“H” level of INT pin is recognized with the SNZI0
instruction)/“H” level
One-sided edge detected
Both edges detected
Disabled
Enabled
0
1
0
1
0
1
0
1
Notes 1: “R” represents read enabled, and “W” represents write enabled.
2: When the contents of I12 and I13 are changed, the external interrupt request flag EXF0 may be set. Accordingly, clear EXF0 flag with the SNZ0 in-
struction when the bit 0 (V10) of register V1 to “0”. In this time, set the NOP instruction after the SNZ0 instruction, for the case when a skip is
performed with the SNZ0 instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com