Electronic Components Datasheet Search
  English  ▼

X  

4501 Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # 4501
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 57Page - Renesas Technology Corp 4501 Datasheet HTML 58Page - Renesas Technology Corp 4501 Datasheet HTML 59Page - Renesas Technology Corp 4501 Datasheet HTML 60Page - Renesas Technology Corp 4501 Datasheet HTML 61Page - Renesas Technology Corp 4501 Datasheet HTML 62Page - Renesas Technology Corp 4501 Datasheet HTML 63Page - Renesas Technology Corp 4501 Datasheet HTML 64Page - Renesas Technology Corp 4501 Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 212 page
background image
1-49
4501 Group
HARDWARE
Rev.2.01
Feb 07, 2005
REJ09B0192-0201
(5) External clock
When the external signal clock is used as the source oscillation
(f(XIN)), connect the XIN pin to the clock source and leave XOUT pin
open. Then, execute the CMCK instruction (Figure 47).
Be careful that the maximum value of the oscillation frequency
when using the external clock differs from the value when using the
ceramic resonator (refer to the recommended operating condition).
Also, note that the RAM back-up mode (POF and POF2 instruc-
tions) cannot be used when using the external clock.
(6) Clock control register MR
Register MR controls system clock. Set the contents of this register
through register A with the TMRA instruction. In addition, the TAMR
instruction can be used to transfer the contents of register MR to
register A.
Table 19 Clock control register MR
Fig. 47 External clock input circuit
ROM ORDERING METHOD
Please submit the information described below when ordering
Mask ROM.
(1) Mask ROM Order Confirmation Form ..................................... 1
(2) Data to be written into mask ROM ............................... EPROM
(three sets containing the identical data)
(3) Mark Specification Form .......................................................... 1
✽For the mask ROM confirmation and the mark specifications,
refer to the “Renesas Technology Corp.” Homepage
(http://www.renesas.com/en/rom).
Note : “R” represents read enabled, and “W” represents write enabled.
MR3
Clock control register MR
System clock
f(XIN) (high-speed mode)
f(XIN)/2 (middle-speed mode)
f(XIN)/4 (low-speed mode)
f(XIN)/8 (default mode)
This bit has no function, but read/write is enabled.
This bit has no function, but read/write is enabled.
at reset : 11002
at RAM back-up : 11002
MR3
0
0
1
1
R/W
Not used
Not used
System clock selection bits
0
1
0
1
MR2
0
1
0
1
MR1
MR0
MR2
4501
XIN
XOUT
External oscillation circuit
VDD
VSS
Execute the CMCK
instruction in program.
*
FUNCTION BLOCK OPERATIONS/ROM ORDERING METHOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com