Electronic Components Datasheet Search
  English  ▼

X  

4501 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # 4501
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 23Page - Renesas Technology Corp 4501 Datasheet HTML 24Page - Renesas Technology Corp 4501 Datasheet HTML 25Page - Renesas Technology Corp 4501 Datasheet HTML 26Page - Renesas Technology Corp 4501 Datasheet HTML 27Page - Renesas Technology Corp 4501 Datasheet HTML 28Page - Renesas Technology Corp 4501 Datasheet HTML 29Page - Renesas Technology Corp 4501 Datasheet HTML 30Page - Renesas Technology Corp 4501 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 212 page
background image
1-15
4501 Group
HARDWARE
Rev.2.01
Feb 07, 2005
REJ09B0192-0201
(5) Stack registers (SKS) and stack pointer (SP)
Stack registers (SKs) are used to temporarily store the contents of
program counter (PC) just before branching until returning to the
original routine when;
• branching to an interrupt service routine (referred to as an inter-
rupt service routine),
• performing a subroutine call, or
• executing the table reference instruction (TABP p).
Stack registers (SKs) are eight identical registers, so that subrou-
tines can be nested up to 8 levels. However, one of stack registers
is used respectively when using an interrupt service routine and
when executing a table reference instruction. Accordingly, be care-
ful not to over the stack when performing these operations
together. The contents of registers SKs are destroyed when 8 lev-
els are exceeded.
The register SK nesting level is pointed automatically by 3-bit
stack pointer (SP). The contents of the stack pointer (SP) can be
transferred to register A with the TASP instruction.
Figure 5 shows the stack registers (SKs) structure.
Figure 6 shows the example of operation at subroutine call.
(6) Interrupt stack register (SDP)
Interrupt stack register (SDP) is a 1-stage register. When an inter-
rupt occurs, this register (SDP) is used to temporarily store the
contents of data pointer, carry flag, skip flag, register A, and regis-
ter B just before an interrupt until returning to the original routine.
Unlike the stack registers (SKs), this register (SDP) is not used
when executing the subroutine call instruction and the table refer-
ence instruction.
(7) Skip flag
Skip flag controls skip decision for the conditional skip instructions
and continuous described skip instructions. When an interrupt oc-
curs, the contents of skip flag is stored automatically in the interrupt
stack register (SDP) and the skip condition is retained.
Fig. 5 Stack registers (SKs) structure
Fig. 6 Example of operation at subroutine call
SK0
SK1
SK2
SK3
SK4
SK5
SK6
SK7
(SP) = 0
(SP) = 1
(SP) = 2
(SP) = 3
(SP) = 4
(SP) = 5
(SP) = 6
(SP) = 7
Program counter (PC)
Executing RT
instruction
Executing BM
instruction
Stack pointer (SP) points “7” at reset or
returning from RAM back-up mode. It points “0”
by executing the first BM instruction, and the
contents of program counter is stored in SK0.
When the BM instruction is executed after eight
stack registers are used ((SP) = 7), (SP) = 0
and the contents of SK0 is destroyed.
Returning to the BM instruction execution
address with the RT instruction, and the BM
instruction becomes the NOP instruction.
(SP)
← 0
(SK0)
← 000116
(PC)
← SUB1
Main program
000216 NOP
Address
000016 NOP
000116 BM SUB1
Subroutine
SUB1 :
NOP
RT
(PC)
← (SK0)
(SP)
← 7
·
·
·
Note :
FUNCTION BLOCK OPERATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com