| Electronic Components Datasheet Search |
|
4501 Datasheet(PDF) 82 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4501 Datasheet(HTML) 82 Page - Renesas Technology Corp |
|
82 / 212 page ![]() Skip condition Number of cycles Number of words Instruction code D9 D0 Flag CY 2 16 Skip condition Number of cycles Number of words Instruction code D9 D0 Flag CY 2 16 Skip condition Number of cycles Number of words Instruction code D9 D0 Flag CY 2 16 Skip condition Number of cycles Number of words Instruction code D9 D0 Flag CY 2 16 INSTRUCTIONS 1-70 Rev.2.01 Feb 07, 2005 4501 Group HARDWARE REJ09B0192-0201 OP2A (Output port P2 from Accumulator) 1000100010 222 11 – – Grouping: Input/Output operation Description: Outputs the contents of the low-order 2 bits (A1, A0) of register A to port P2. Operation: (P21, P20) ← (A1, A0) OR (logical OR between accumulator and memory) 0000011001 019 11 – – Grouping: Arithmetic operation Description: Takes the OR operation between the con- tents of register A and the contents of M(DP), and stores the result in register A. Operation: (A) ← (A) OR (M(DP)) MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued) POF (Power OFf1) 0000000010 002 11 – – Grouping: Other operation Description: Puts the system in RAM back-up state by executing the POF instruction after execut- ing the EPOF instruction. However, the voltage drop detection circuit is valid. Note: If the EPOF instruction is not executed before executing this instruction, this instruction is equivalent to the NOP instruction. POF2 (Power OFf2) 0000001000 008 11 – – Grouping: Other operation Description: Puts the system in RAM back-up state by executing the POF2 instruction after ex- ecuting the EPOF instruction. Operations of all functions are stopped. Note: If the EPOF instruction is not executed be- fore executing this instruction, this instruction is equivalent to the NOP instruc- tion. Operation: RAM back-up Operation: RAM back-up However, voltage drop detection circuit valid |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |