Electronic Components Datasheet Search
  English  ▼

X  

4501 Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # 4501
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 61Page - Renesas Technology Corp 4501 Datasheet HTML 62Page - Renesas Technology Corp 4501 Datasheet HTML 63Page - Renesas Technology Corp 4501 Datasheet HTML 64Page - Renesas Technology Corp 4501 Datasheet HTML 65Page - Renesas Technology Corp 4501 Datasheet HTML 66Page - Renesas Technology Corp 4501 Datasheet HTML 67Page - Renesas Technology Corp 4501 Datasheet HTML 68Page - Renesas Technology Corp 4501 Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 212 page
background image
1-53
4501 Group
HARDWARE
Rev.2.01
Feb 07, 2005
REJ09B0192-0201
CONTROL REGISTERS
I13
I12
I11
I10
INT pin input control bit (Note 3)
Interrupt valid waveform for INT pin/
return level selection bit (Note 3)
INT pin edge detection circuit control bit
INT pin
timer 1 control enable bit
Interrupt control register I1
R/W
at RAM back-up : state retained
at reset : 00002
INT pin input disabled
INT pin input enabled
Falling waveform (“L” level of INT pin is recognized with the SNZI0
instruction)/“L” level
Rising waveform (“H” level of INT pin is recognized with the SNZI0
instruction)/“H” level
One-sided edge detected
Both edges detected
Disabled
Enabled
0
1
0
1
0
1
0
1
MR3
Clock control register MR
System clock
f(XIN) (high-speed mode)
f(XIN)/2 (middle-speed mode)
f(XIN)/4 (low-speed mode)
f(XIN)/8 (default mode)
This bit has no function, but read/write is enabled.
This bit has no function, but read/write is enabled.
at reset : 11002
at RAM back-up : 11002
MR3
0
0
1
1
R/W
Not used
Not used
System clock selection bits
0
1
0
1
MR2
0
1
0
1
MR1
MR0
MR2
This bit has no function, but read/write is enabled.
Interrupt disabled (SNZAD instruction is valid)
Interrupt enabled (SNZAD instruction is invalid) (Note 2)
This bit has no function, but read/write is enabled.
This bit has no function, but read/write is enabled.
R/W
V13
V12
V11
V10
V23
V22
V21
V20
Not used
A/D interrupt enable bit
Not used
Not used
Interrupt control register V2
at RAM back-up : 00002
at reset : 00002
0
1
0
1
0
1
0
1
Interrupt control register V1
Timer 2 interrupt enable bit
Timer 1 interrupt enable bit
Not used
External 0 interrupt enable bit
Interrupt disabled (SNZT2 instruction is valid)
Interrupt enabled (SNZT2 instruction is invalid) (Note 2)
Interrupt disabled (SNZT1 instruction is valid)
Interrupt enabled (SNZT1 instruction is invalid) (Note 2)
This bit has no function, but read/write is enabled.
Interrupt disabled (SNZ0 instruction is valid)
Interrupt enabled (SNZ0 instruction is invalid) (Note 2)
0
1
0
1
0
1
0
1
R/W
at RAM back-up : 00002
at reset : 00002
R/W
at RAM back-up : 00002
at reset : 00002
Notes 1: “R” represents read enabled, and “W” represents write enabled.
2: These instructions are equivalent to the NOP instruction.
3: When the contents of I12 and I13 are changed, the external interrupt request flag EXF0 may be set. Accordingly, clear EXF0 flag with the SNZ0 in-
struction when the bit 0 (V10) of register V1 to “0”. In this time, set the NOP instruction after the SNZ0 instruction, for the case when a skip is
performed with the SNZ0 instruction.
CONTROL REGISTERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com