Electronic Components Datasheet Search
  English  ▼

X  

4501 Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # 4501
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 73Page - Renesas Technology Corp 4501 Datasheet HTML 74Page - Renesas Technology Corp 4501 Datasheet HTML 75Page - Renesas Technology Corp 4501 Datasheet HTML 76Page - Renesas Technology Corp 4501 Datasheet HTML 77Page - Renesas Technology Corp 4501 Datasheet HTML 78Page - Renesas Technology Corp 4501 Datasheet HTML 79Page - Renesas Technology Corp 4501 Datasheet HTML 80Page - Renesas Technology Corp 4501 Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 212 page
background image
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
INSTRUCTIONS
1-65
4501 Group
HARDWARE
Rev.2.01
Feb 07, 2005
REJ09B0192-0201
CMA (CoMplement of Accumulator)
0000011100
01C
11
–
–
Grouping:
Arithmetic operation
Description: Stores the one’s complement for register A’s
contents in register A.
Operation:
(A)
← (A)
CMCK (Clock select: ceraMic resonance ClocK)
1010011010
29A
11
–
–
Grouping:
Other operation
Description: Selects the ceramic resonance circuit and
stops the on-chip oscillator.
Operation:
Ceramic resonance circuit selected
CRCK (Clock select: Rc resonance ClocK)
1010011011
29B
11
–
–
Grouping:
Other operation
Description: Selects the RC resonance circuit and stops
the on-chip oscillator.
Operation:
RC resonance circuit selected
DEY (DEcrement register Y)
0000010111
017
11
–
(Y) = 15
Grouping:
RAM addresses
Description: Subtracts 1 from the contents of register Y.
As a result of subtraction, when the contents
of register Y is 15, the next instruction is
skipped. When the contents of register Y is
not 15, the next instruction is executed.
Operation:
(Y)
← (Y) – 1
MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com