Electronic Components Datasheet Search
  English  ▼

X  

4501 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # 4501
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 36Page - Renesas Technology Corp 4501 Datasheet HTML 37Page - Renesas Technology Corp 4501 Datasheet HTML 38Page - Renesas Technology Corp 4501 Datasheet HTML 39Page - Renesas Technology Corp 4501 Datasheet HTML 40Page - Renesas Technology Corp 4501 Datasheet HTML 41Page - Renesas Technology Corp 4501 Datasheet HTML 42Page - Renesas Technology Corp 4501 Datasheet HTML 43Page - Renesas Technology Corp 4501 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 212 page
background image
FUNCTION BLOCK OPERATIONS
1-28
Rev.2.01
Feb 07, 2005
4501 Group
HARDWARE
REJ09B0192-0201
Table 10 Timer control registers
0
1
0
1
0
1
0
1
W21
0
0
1
1
Stop (state initialized)
Operating
Instruction clock divided by 4
Instruction clock divided by 16
Stop (state retained)
Operating
Count start synchronous circuit not selected
Count start synchronous circuit selected
Prescaler control bit
Prescaler dividing ratio selection bit
Timer 1 control bit
Timer 1 count start synchronous circuit
control bit
Stop (state retained)
Operating
Count auto-stop circuit not selected
Count auto-stop circuit selected
Count source
Timer 1 underflow signal
Prescaler output (ORCLK)
CNTR input
System clock
Timer 2 control bit
Timer 1 count auto-stop circuit selection
bit (Note 2)
Timer 2 count source selection bits
0
1
0
1
W20
0
1
0
1
W13
W12
W11
W10
W23
W22
W21
W20
Timer control register W1
R/W
at RAM back-up : 00002
at reset : 00002
R/W
at RAM back-up : 00002
at reset : 00002
Timer control register W2
R/W
at RAM back-up : state retained
at reset : 00002
This bit has no function, but read/write is enabled.
This bit has no function, but read/write is enabled.
Timer 1 underflow signal divided by 2 output
Timer 2 underflow signal divided by 2 output
P12(I/O)/CNTR input (Note 3)
P12 (input)/CNTR input/output (Note 3)
Not used
Not used
CNTR output selection bit
P12/CNTR function selection bit
0
1
0
1
0
1
0
1
Timer control register W6
R/W
at RAM back-up : state retained
at reset : 00002
Notes 1: “R” represents read enabled, and “W” represents write enabled.
2: This function is valid only when the timer 1 count start synchronization circuit is selected.
3: CNTR input is valid only when CNTR input is selected as the timer 2 count source.
(1) Timer control registers
• Timer control register W1
Register W1 controls the count operation of timer 1, the selection
of count start synchronous circuit, and the frequency dividing ra-
tio and count operation of prescaler. Set the contents of this
register through register A with the TW1A instruction. The TAW1
instruction can be used to transfer the contents of register W1 to
register A.
• Timer control register W2
Register W2 controls the selection of timer 1 count auto-stop cir-
cuit, and the count operation and count source of timer 2. Set the
contents of this register through register A with the TW2A instruc-
tion. The TAW2 instruction can be used to transfer the contents
of register W2 to register A.
• Timer control register W6
Register W6 controls the P12/CNTR pin function and the selec-
tion of CNTR output. Set the contents of this register through
register A with the TW6A instruction. The TAW6 instruction can
be used to transfer the contents of register W6 to register A..
(2) Prescaler
Prescaler is a frequency divider. Its frequency dividing ratio can be
selected. The count source of prescaler is the instruction clock.
Use the bit 2 of register W1 to select the prescaler dividing ratio
and the bit 3 to start and stop its operation. Prescaler is initialized,
and the output signal (ORCLK) stops when the bit 3 of register W1
is cleared to “0.”
W63
W62
W61
W60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com