Electronic Components Datasheet Search
  English  ▼

X  

4501 Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # 4501
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 53Page - Renesas Technology Corp 4501 Datasheet HTML 54Page - Renesas Technology Corp 4501 Datasheet HTML 55Page - Renesas Technology Corp 4501 Datasheet HTML 56Page - Renesas Technology Corp 4501 Datasheet HTML 57Page - Renesas Technology Corp 4501 Datasheet HTML 58Page - Renesas Technology Corp 4501 Datasheet HTML 59Page - Renesas Technology Corp 4501 Datasheet HTML 60Page - Renesas Technology Corp 4501 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 212 page
background image
1-45
4501 Group
HARDWARE
Rev.2.01
Feb 07, 2005
REJ09B0192-0201
Table 17 Key-on wakeup control register
K03
K02
K01
K00
Key-on wakeup control register K0
Key-on wakeup not used
Key-on wakeup used
Key-on wakeup not used
Key-on wakeup used
Key-on wakeup not used
Key-on wakeup used
Key-on wakeup not used
Key-on wakeup used
Port P03 key-on wakeup
control bit
Port P02 key-on wakeup
control bit
Port P01 key-on wakeup
control bit
Port P00 key-on wakeup
control bit
at reset : 00002
at RAM back-up : state retained
0
1
0
1
0
1
0
1
R/W
Note: “R” represents read enabled, and “W” represents write enabled.
K13
K12
K11
K10
Key-on wakeup control register K1
P13 key-on wakeup not used/INT pin key-on wakeup used
P13 key-on wakeup used/INT pin key-on wakeup not used
Key-on wakeup not used
Key-on wakeup used
Key-on wakeup not used
Key-on wakeup used
Key-on wakeup not used
Key-on wakeup used
Port P13/INT key-on wakeup
control bit
Port P12/CNTR key-on wakeup
control bit
Port P11 key-on wakeup
control bit
Port P10 key-on wakeup
control bit
at reset : 00002
at RAM back-up : state retained
0
1
0
1
0
1
0
1
R/W
K23
K22
K21
K20
Key-on wakeup control register K2
Key-on wakeup not used
Key-on wakeup used
Key-on wakeup not used
Key-on wakeup used
Key-on wakeup not used
Key-on wakeup used
Key-on wakeup not used
Key-on wakeup used
Port D3/K key-on wakeup
control bit
Port D2/C key-on wakeup
control bit
Port P21/AIN1 key-on wakeup
control bit
Port P20/AIN0 key-on wakeup
control bit
at reset : 00002
at RAM back-up : state retained
0
1
0
1
0
1
0
1
R/W
FUNCTION BLOCK OPERATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com