Electronic Components Datasheet Search
  English  ▼

X  

4501 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # 4501
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 27Page - Renesas Technology Corp 4501 Datasheet HTML 28Page - Renesas Technology Corp 4501 Datasheet HTML 29Page - Renesas Technology Corp 4501 Datasheet HTML 30Page - Renesas Technology Corp 4501 Datasheet HTML 31Page - Renesas Technology Corp 4501 Datasheet HTML 32Page - Renesas Technology Corp 4501 Datasheet HTML 33Page - Renesas Technology Corp 4501 Datasheet HTML 34Page - Renesas Technology Corp 4501 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 212 page
background image
1-19
4501 Group
HARDWARE
Rev.2.01
Feb 07, 2005
REJ09B0192-0201
INTERRUPT FUNCTION
The interrupt type is a vectored interrupt branching to an individual
address (interrupt address) according to each interrupt source. An
interrupt occurs when the following 3 conditions are satisfied.
• An interrupt activated condition is satisfied (request flag = “1”)
• Interrupt enable bit is enabled (“1”)
• Interrupt enable flag is enabled (INTE = “1”)
Table 3 shows interrupt sources. (Refer to each interrupt request
flag for details of activated conditions.)
(1) Interrupt enable flag (INTE)
The interrupt enable flag (INTE) controls whether the every inter-
rupt enable/disable. Interrupts are enabled when INTE flag is set to
“1” with the EI instruction and disabled when INTE flag is cleared to
“0” with the DI instruction. When any interrupt occurs, the INTE flag
is automatically cleared to “0,” so that other interrupts are disabled
until the EI instruction is executed.
(2) Interrupt enable bit
Use an interrupt enable bit of interrupt control registers V1 and V2
to select the corresponding interrupt or skip instruction.
Table 4 shows the interrupt request flag, interrupt enable bit and
skip instruction.
Table 5 shows the interrupt enable bit function.
(3) Interrupt request flag
When the activated condition for each interrupt is satisfied, the cor-
responding interrupt request flag is set to “1.” Each interrupt
request flag is cleared to “0” when either;
• an interrupt occurs, or
• the next instruction is skipped with a skip instruction.
Each interrupt request flag is set when the activated condition is
satisfied even if the interrupt is disabled by the INTE flag or its in-
terrupt enable bit. Once set, the interrupt request flag retains set
until a clear condition is satisfied.
Accordingly, an interrupt occurs when the interrupt disable state is
released while the interrupt request flag is set.
If more than one interrupt request flag is set when the interrupt dis-
able state is released, the interrupt priority level is as follows
shown in Table 3.
Table 3 Interrupt sources
Activated condition
Level change of INT
pin
Timer 1 underflow
Timer 2 underflow
Completion of
A/D conversion
Priority
level
1
2
3
4
Interrupt name
External 0 interrupt
Timer 1 interrupt
Timer 2 interrupt
A/D interrupt
Table 5 Interrupt enable bit function
Occurrence of interrupt
Enabled
Disabled
Skip instruction
Invalid
Valid
Interrupt enable bit
1
0
Interrupt
address
Address 0
in page 1
Address 4
in page 1
Address 6
in page 1
Address C
in page 1
Table 4 Interrupt request flag, interrupt enable bit and skip in-
struction
FUNCTION BLOCK OPERATIONS
Interrupt
request flag
EXF0
T1F
T2F
ADF
Interrupt name
External 0 interrupt
Timer 1 interrupt
Timer 2 interrupt
A/D interrupt
Skip instruction
SNZ0
SNZT1
SNZT2
SNZAD
Interrupt
enable bit
V10
V12
V13
V22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com