Electronic Components Datasheet Search
  English  ▼

X  

4501 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # 4501
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 82Page - Renesas Technology Corp 4501 Datasheet HTML 83Page - Renesas Technology Corp 4501 Datasheet HTML 84Page - Renesas Technology Corp 4501 Datasheet HTML 85Page - Renesas Technology Corp 4501 Datasheet HTML 86Page - Renesas Technology Corp 4501 Datasheet HTML 87Page - Renesas Technology Corp 4501 Datasheet HTML 88Page - Renesas Technology Corp 4501 Datasheet HTML 89Page - Renesas Technology Corp 4501 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 212 page
background image
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
INSTRUCTIONS
1-74
Rev.2.01
Feb 07, 2005
4501 Group
HARDWARE
REJ09B0192-0201
SEA n (Skip Equal, Accumulator with immediate data n)
0000100101
025
22
–
(A) = n
Grouping:
Comparison operation
Description: Skips the next instruction when the contents
of register A is equal to the value n in the im-
mediate field.
Executes the next instruction when the con-
tents of register A is not equal to the value n
in the immediate field.
Operation:
(A) = n ?
n = 0 to 15
SEAM (Skip Equal, Accumulator with Memory)
0000100110
026
11
–
(A) = (M(DP))
Grouping:
Comparison operation
Description: Skips the next instruction when the contents
of register A is equal to the contents of
M(DP).
Executes the next instruction when the con-
tents of register A is not equal to the
contents of M(DP).
Operation:
(A) = (M(DP)) ?
2
16
000111nnnn
07n
MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued)
SNZ0 (Skip if Non Zero condition of external 0 interrupt request flag)
0000111000
038
11
–
V10 = 0: (EXF0) = 1
Grouping:
Interrupt operation
Description: When V10 = 0 : Skips the next instruction
when external 0 interrupt request flag EXF0
is “1.” After skipping, clears (0) to the EXF0
flag. When the EXF0 flag is “0,” executes the
next instruction.
When V10 = 1 : This instruction is equivalent
to the NOP instruction.
Operation:
V10 = 0: (EXF0) = 1 ?
After skipping, (EXF0)
← 0
V10 = 1: SNZ0 = NOP
(V10 : bit 0 of the interrupt control register V1)
SNZAD (Skip if Non Zero condition of A/D conversion completion flag)
1010000111
287
11
–
V22 = 0: (ADF) = 1
Grouping:
A/D conversion operation
Description: When V22 = 0 : Skips the next instruction
when A/D conversion completion flag ADF
is “1.” After skipping, clears (0) to the ADF
flag. When the ADF flag is “0,” executes the
next instruction.
When V22 = 1 : This instruction is equivalent
to the NOP instruction.
Operation:
V22 = 0: (ADF) = 1 ?
After skipping, (ADF)
← 0
V22 = 1: SNZAD = NOP
(V22 : bit 2 of the interrupt control register V2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com