Electronic Components Datasheet Search
  English  ▼

X  

4501 Datasheet(PDF) 84 Page - Renesas Technology Corp

Part # 4501
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 80Page - Renesas Technology Corp 4501 Datasheet HTML 81Page - Renesas Technology Corp 4501 Datasheet HTML 82Page - Renesas Technology Corp 4501 Datasheet HTML 83Page - Renesas Technology Corp 4501 Datasheet HTML 84Page - Renesas Technology Corp 4501 Datasheet HTML 85Page - Renesas Technology Corp 4501 Datasheet HTML 86Page - Renesas Technology Corp 4501 Datasheet HTML 87Page - Renesas Technology Corp 4501 Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 212 page
background image
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
INSTRUCTIONS
1-72
Rev.2.01
Feb 07, 2005
4501 Group
HARDWARE
REJ09B0192-0201
RD (Reset port D specified by register Y)
0000010100
014
11
–
–
Grouping:
Input/Output operation
Description: Clears (0) to a bit of port D specified by register
Y.
Note:
Set 0 to 3 to register Y because port D is
four ports (D0–D3).
When values except above are set to regis-
ter Y, this instruction is equivalent to the
NOP instruction.
Operation:
(D(Y))
← 0
However,
(Y) = 0 to 3
RT (ReTurn from subroutine)
0001000100
044
12
–
–
Grouping:
Return operation
Description: Returns from subroutine to the routine called
the subroutine.
Operation:
(PC)
← (SK(SP))
(SP)
← (SP) – 1
MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued)
RTI (ReTurn from Interrupt)
0001000110
046
11
–
–
Grouping:
Return operation
Description: Returns from interrupt service routine to
main routine.
Returns each value of data pointer (X, Y, Z),
carry flag, skip status, NOP mode status by
the continuous description of the LA/LXY in-
struction, register A and register B to the
states just before interrupt.
RTS (ReTurn from subroutine and Skip)
0001000101
045
12
–
Skip at uncondition
Grouping:
Return operation
Description: Returns from subroutine to the routine called
the subroutine, and skips the next instruction
at uncondition.
Operation:
(PC)
← (SK(SP))
(SP)
← (SP) – 1
Operation:
(PC)
← (SK(SP))
(SP)
← (SP) – 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com