Electronic Components Datasheet Search
  English  ▼

X  

4501 Datasheet(PDF) 90 Page - Renesas Technology Corp

Part # 4501
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 86Page - Renesas Technology Corp 4501 Datasheet HTML 87Page - Renesas Technology Corp 4501 Datasheet HTML 88Page - Renesas Technology Corp 4501 Datasheet HTML 89Page - Renesas Technology Corp 4501 Datasheet HTML 90Page - Renesas Technology Corp 4501 Datasheet HTML 91Page - Renesas Technology Corp 4501 Datasheet HTML 92Page - Renesas Technology Corp 4501 Datasheet HTML 93Page - Renesas Technology Corp 4501 Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 212 page
background image
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
INSTRUCTIONS
1-78
Rev.2.01
Feb 07, 2005
4501 Group
HARDWARE
REJ09B0192-0201
TAB2 (Transfer data to Accumulator and register B from timer 2)
1001110001
271
11
––
Grouping:
Timer operation
Description: Transfers the high-order 4 bits (T27–T24) of
timer 2 to register B.
Transfers the low-order 4 bits (T23–T20) of
timer 2 to register A.
Operation:
(B)
← (T27–T24)
(A)
← (T23–T20)
TABAD (Transfer data to Accumulator and register B from register AD)
1001111001
279
11
–
–
Grouping:
A/D conversion operation
Description: In the A/D conversion mode (Q13 = 0), trans-
fers the high-order 4 bits (AD9–AD6) of register
AD to register B, and the middle-order 4 bits
(AD5–AD2) of register AD to register A. In the
comparator mode (Q13 = 1), transfers the high-
order 4 bits (AD7–AD4) of comparator register
to register B, and the low-order 4 bits (AD3–
AD0) of comparator register to register A.
Operation:
In A/D conversion mode (Q13 = 0),
(B)
← (AD9–AD6)
(A)
← (AD5–AD2)
In comparator mode (Q13 = 1),
(B)
← (AD7–AD4)
(A)
← (AD3–AD0)
(Q13 : bit 3 of A/D control register Q1)
MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued)
TABE (Transfer data to Accumulator and register B from register E)
0000101010
02A
11
–
–
Grouping:
Register to register transfer
Description: Transfers the high-order 4 bits (E7–E4) of
register E to register B, and low-order 4 bits
of register E to register A.
Operation:
(B)
← (E7–E4)
(A)
← (E3–E0)
TABP p (Transfer data to Accumulator and register B from Program memory in page p)
00100p4
p3
p2
p1
p0
0p
13
–
–
Grouping:
Arithmetic operation
Description:
Transfers bits 7 to 4 to register B and bits 3 to
0 to register A. These bits 7 to 0 are the ROM
pattern in ad-dress (DR2 DR1 DR0 A3 A2 A1
A0)2 specified by registers A and D in page p.
Note:
p is 0 to 15 for M34501M2, and p is 0 to 31
for M34501M4/E4.
When this instruction is executed, be careful
not to over the stack because 1 stage of
stack register is used.
Operation:
(SP)
← (SP) + 1
(SK(SP))
← (PC)
(PCH)
← p
(PCL)
← (DR2–DR0, A3–A0)
(B)
← (ROM(PC))7–4
(A)
← (ROM(PC))3–0
(PC)
← (SK(SP))
(SP)
← (SP) – 1
8
+p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com